Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMOZ4L3 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMOZ4L3
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ4L3 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ4L3 Datasheet HTML 1Page - Central Semiconductor Corp CMOZ4L3 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMOZ1L8 THRU CMOZ47L
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ1L8 Series
Low Level Zener Diode is a high quality voltage
regulator in an epoxy-molded ULTRAmini™ package,
designed for applications requiring an extremely low
operating current and low leakage.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
VVV
μA
Ω
μA
V
CMOZ1L8
1.71
1.8
1.89
250
1400
25
1.0
L8
CMOZ2L0
1.90
2.0
2.10
250
1400
25
1.0
L9
CMOZ2L2
2.09
2.2
2.31
250
1400
25
1.0
L0
CMOZ2L4
2.28
2.4
2.52
250
1400
25
1.0
M1
CMOZ2L5
2.37
2.5
2.63
250
1500
10
1.0
M2
CMOZ2L7
2.57
2.7
2.84
250
1500
5.0
1.0
M3
CMOZ3L0
2.85
3.0
3.15
250
1600
5.0
1.0
M30
CMOZ3L3
3.14
3.3
3.47
250
1600
5.0
1.0
M4
CMOZ3L6
3.42
3.6
3.78
250
1700
5.0
1.0
M5
CMOZ3L9
3.71
3.9
4.10
250
1600
5.0
1.0
M6
CMOZ4L3
4.09
4.3
4.52
250
1600
1.0
1.5
M7
CMOZ4L7
4.47
4.7
4.94
250
1500
1.0
1.5
M8
CMOZ5L1
4.85
5.1
5.36
250
1500
1.0
1.5
M9
CMOZ5L6
5.32
5.6
5.88
250
1400
1.0
2.0
M0
CMOZ6L2
5.89
6.2
6.51
250
1200
1.0
2.0
N1
CMOZ6L8
6.46
6.8
7.14
250
200
1.0
3.5
N2
CMOZ7L5
7.12
7.5
7.88
250
200
1.0
3.5
N3
CMOZ8L2
7.79
8.2
8.61
250
200
1.0
6.0
N4
CMOZ9L1
8.65
9.1
9.56
250
200
1.0
6.0
N5
CMOZ10L
9.50
10
10.50
250
200
1.0
8.0
N6
CMOZ11L
10.45
11
11.55
250
200
1.0
8.0
N7
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE
R6 (25-January 2010)
www.centr a lsemi.com


Similar Part No. - CMOZ4L3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ4L3 CENTRAL-CMOZ4L3 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ4L3 CENTRAL-CMOZ4L3 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMOZ4L3 CENTRAL-CMOZ4L3 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMOZ4L3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMOZ1L8 CENTRAL-CMOZ1L8 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com