Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27543 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C27543
Description  PSoC짰 Programmable System-on-Chip?
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27543 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C27543 Datasheet HTML 6Page - Cypress Semiconductor CY8C27543 Datasheet HTML 7Page - Cypress Semiconductor CY8C27543 Datasheet HTML 8Page - Cypress Semiconductor CY8C27543 Datasheet HTML 9Page - Cypress Semiconductor CY8C27543 Datasheet HTML 10Page - Cypress Semiconductor CY8C27543 Datasheet HTML 11Page - Cypress Semiconductor CY8C27543 Datasheet HTML 12Page - Cypress Semiconductor CY8C27543 Datasheet HTML 13Page - Cypress Semiconductor CY8C27543 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *T
Page 10 of 63
28-pin Part Pinout
Table 4. Pin Definitions – 28-pin PDIP, SSOP, SOIC
Pin No.
Type
Pin
Name
Description
Figure 5. CY8C27443 28-pin PSoC Device
Digital
Analog
1
I/O
I
P0[7]
Analog column mux input
2
I/O
I/O
P0[5]
Analog column mux input and column output
3
I/O
I/O
P0[3]
Analog column mux input and column output
4
I/O
I
P0[1]
Analog column mux input
5
I/O
P2[7]
6
I/O
P2[5]
7
I/O
I
P2[3]
Direct switched capacitor block input
8
I/O
I
P2[1]
Direct switched capacitor block input
9
Power
SMP
Switch mode pump (SMP) connection to external
components required
10
I/O
P1[7]
I2C SCL
11
I/O
P1[5]
I2C SDA
12
I/O
P1[3]
13
I/O
P1[1]
Crystal input (XTALin), I2C SCL, ISSP-SCLK[4]
14
Power
Vss
Ground connection.
15
I/O
P1[0]
Crystal output (XTALout), I2C SDA,
ISSP-SDATA[4]
16
I/O
P1[2]
17
I/O
P1[4]
Optional external clock input (EXTCLK)
18
I/O
P1[6]
19
Input
XRES
Active high external reset with internal pull down
20
I/O
I
P2[0]
Direct switched capacitor block input
21
I/O
I
P2[2]
Direct switched capacitor block input
22
I/O
P2[4]
External analog ground (AGND)
23
I/O
P2[6]
External voltage reference (VREF)
24
I/O
I
P0[0]
Analog column mux input
25
I/O
I/O
P0[2]
Analog column mux input and column output
26
I/O
I/O
P0[4]
Analog column mux input and column output
27
I/O
I
P0[6]
Analog column mux input
28
Power
VDD
Supply voltage
LEGEND: A = Analog, I = Input, and O = Output.
Note
4. These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
A, I, P0[7]
A, IO, P0[5]
A, IO, P0[3]
A, I, P0[1]
P2[7]
P2[5]
A, I, P2[3]
A, I, P2[1]
SMP
I2C SCL, P1[7]
I2C SDA, P1[5]
P1[3]
I2C SCL, XTALin, P1[1]
VSS
VDD
P0[6], A, I
P0[4], A, IO
P0[2], A, IO
P0[0], A, I
P2[6], External VRef
P2[4], External AGND
P2[2], A, I
P2[0], A, I
XRES
P1[6]
P1[4], EXTCLK
P1[2]
P1[0], XTALout, I2CSDA
PDIP
SSOP
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
[+] Feedback


Similar Part No. - CY8C27543

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543 CYPRESS-CY8C27543 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
CY8C27543-24AI CYPRESS-CY8C27543-24AI Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results

Similar Description - CY8C27543

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com