Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104NA-ZS20XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104NA-ZS20XI
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZS20XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104NA-ZS20XI Datasheet HTML 1Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 2Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 3Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZS20XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CY14B104LA, CY14B104NA
4-Mbit (512 K × 8/256 K × 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-49918 Rev. *H
Revised January 18, 2011
Features
20 ns, 25 ns, and 45 ns access times
Internally organized as 512 K × 8 (CY14B104LA) or 256 K ×
16 (CY14B104NA)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM initiated by software or power-up
Infinite read, write, and recall cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3 V +20%, -10% operation
Industrial temperature
Packages
44-/54-pin thin small outline package (TSOP II)
48-ball fine-pitch ball grid array (FBGA)
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B104LA/CY14B104NA is a fast static RAM
(SRAM), with a nonvolatile element in each memory cell. The
memory is organized as 512 K bytes of 8 bits each or 256 K
words of 16 bits each. The embedded nonvolatile elements
incorporate QuantumTrap technology, producing the world’s
most reliable nonvolatile memory. The SRAM provides infinite
read and write cycles, while independent nonvolatile data
resides in the highly reliable QuantumTrap cell. Data transfers
from the SRAM to the nonvolatile elements (the STORE
operation) takes place automatically at power-down. On
power-up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control.
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A18 for ×8 configuration and Address A0 - A17 for ×16 configuration.
2. Data DQ0 - DQ7 for ×8 configuration and Data DQ0 - DQ15 for ×16 configuration.
3. BHE and BLE are applicable for ×16 configuration only.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104NA-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZS20XI CYPRESS-CY14B104NA-ZS20XI Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZS20XI CYPRESS-CY14B104NA-ZS20XI Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZS20XI CYPRESS-CY14B104NA-ZS20XI Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZS20XI CYPRESS-CY14B104NA-ZS20XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104NA-ZS20XIT CYPRESS-CY14B104NA-ZS20XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104NA-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com