Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256KA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B256KA
Description  256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256KA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B256KA Datasheet HTML 6Page - Cypress Semiconductor CY14B256KA Datasheet HTML 7Page - Cypress Semiconductor CY14B256KA Datasheet HTML 8Page - Cypress Semiconductor CY14B256KA Datasheet HTML 9Page - Cypress Semiconductor CY14B256KA Datasheet HTML 10Page - Cypress Semiconductor CY14B256KA Datasheet HTML 11Page - Cypress Semiconductor CY14B256KA Datasheet HTML 12Page - Cypress Semiconductor CY14B256KA Datasheet HTML 13Page - Cypress Semiconductor CY14B256KA Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CY14B256KA
Document #: 001-55720 Rev. *C
Page 10 of 27
Flags Register
The flags register has three flag bits: WDF, AF, and PF, which can be used to generate an interrupt. These flags are set by the watchdog
timeout, alarm match, or power fail monitor respectively. The processor can either poll this register or enable interrupts to be informed
when a flag is set. These flags are automatically reset when the register is read. The flags register is automatically loaded with the
value 0x00 on power-up (except for the OSCF bit; see Stopping and Starting the Oscillator on page 8).
Figure 4. RTC Recommended Component Configuration
Figure 5. Interrupt Block Diagram
Xout
Xin
Y1
C2
C1
Recommended Values
Y1 = 32.768 KHz (12.5 pF)
C1 = 10 pF
C2 = 67 pF
Note: The recommended values for C1 and C2 include
board trace capacitance.
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power Fail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Enable
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
[+] Feedback


Similar Part No. - CY14B256KA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XI CYPRESS-CY14B256KA-SP25XI Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XI CYPRESS-CY14B256KA-SP25XI Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XIT CYPRESS-CY14B256KA-SP25XIT Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XIT CYPRESS-CY14B256KA-SP25XIT Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256KA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com