Electronic Components Datasheet Search |
|
DG409 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
DG409 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 13 page Document Number: 70062 www.vishay.com S10-1474-Rev. I, 05-Jul-10 5 DG408, DG409 Vishay Siliconix Notes a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25 °C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. g. R DS(on) = RDS(on) max. - RDS(on) min. h. Worst case isolation occurs on channel 4 due to proximity to the drain pin. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONSa (single supply) PARAMETER SYMBOL TEST CONDITIONS UNLESS OTHERWISE SPECIFIED TEMP.b TYP.c A SUFFIX - 55 °C to 125 °C D SUFFIX - 40 °C to 85 °C UNIT V+ = 12 V, V- = 0 V MIN.d MAX.d MIN.d MAX.d VAL = 0.8 V, VAH = 2.4 Vf Analog Switch Drain-Source On-Resistancee, f RDS(on) VD = 3 V, 10 V, IS = - 1 mA Room 90 -- -- Dynamic Characteristics Switching Time of Multiplexere tTRANS VS1 = 8 V, VS8 = 0 V, VIN = 2.4 V Room 180 - - - - ns Enable Turn-On Timee tON(EN) VINH = 2.4 V, VINL = 0 V, VS1 = 5 V Room 180 - - - - Enable Turn-Off Timee tOFF(EN) Room 120 - - - - Charge Injectione QCL = 1 nF, VS = 0 V, RS = 0 Room 5 -- -- pC |
Similar Part No. - DG409 |
|
Similar Description - DG409 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |