Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCALUG03 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # NTCALUG03
Description  NTC Thermistors, Mini Lug Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03 Datasheet(HTML) 6 Page - Vishay Siliconix

  NTCALUG03 Datasheet HTML 1Page - Vishay Siliconix NTCALUG03 Datasheet HTML 2Page - Vishay Siliconix NTCALUG03 Datasheet HTML 3Page - Vishay Siliconix NTCALUG03 Datasheet HTML 4Page - Vishay Siliconix NTCALUG03 Datasheet HTML 5Page - Vishay Siliconix NTCALUG03 Datasheet HTML 6Page - Vishay Siliconix NTCALUG03 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTCALUG03 Mini Lug Series
Vishay BCcomponents
NTC Thermistors, Mini Lug Sensors
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29114
126
Revision: 16-Sep-10
For complete curve computation, visit: www.vishay.com/thermistors/curve-computation-list/
TABLE 4
NTCALUG03A473H
NTC Mini Lug 47K 3 %
NTCALUG03A473HC
NTC Mini Lug 47K 3 % with connector
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
Ω)
ΔR/R
(%)
α
(%/K)
ΔT
(K)
Rmin.
(
Ω)
Rmax.
(
Ω)
- 40
25.783
1 211 802
8.40
- 6.07
1.38
1 109 973
1 313 631
- 35
19.125
898 891
7.88
- 5.88
1.34
828 034
969 749
- 30
14.320
673 040
7.38
- 5.70
1.30
623 344
722 736
- 25
10.819
508 481
6.90
- 5.52
1.25
473 370
543 592
- 20
8.244
387 486
6.45
- 5.35
1.20
362 512
412 460
- 15
6.335
297 740
6.00
- 5.19
1.16
279 866
315 613
- 10
4.907
230 608
5.58
- 5.03
1.11
217 745
243 471
- 5
3.829
179 983
5.17
- 4.88
1.06
170 681
189 285
0
3.011
141 507
4.77
- 4.74
1.01
134 752
148 262
5
2.384
112 043
4.39
- 4.60
0.95
107 121
116 966
10
1.900
89 317
4.03
- 4.47
0.90
85 721
92 914
15
1.525
71 665
3.67
- 4.34
0.85
69 033
74 297
20
1.231
57 863
3.33
- 4.22
0.79
55 936
59 790
25
1.000
47 000
3.00
- 4.10
0.73
45 590
48 410
30
0.817
38 398
3.32
- 3.99
0.83
37 123
39 672
35
0.671
31 545
3.63
- 3.88
0.94
30 400
32 689
40
0.554
26 053
3.93
- 3.77
1.04
25 030
27 077
45
0.460
21 629
4.22
- 3.67
1.15
20 717
22 541
50
0.384
18 045
4.50
- 3.58
1.26
17 233
18 857
55
0.322
15 127
4.77
- 3.48
1.37
14 405
15 848
60
0.271
12 739
5.04
- 3.39
1.48
12 097
13 380
65
0.229
10 775
5.29
- 3.30
1.60
10 205
11 345
70
0.195
9153.0
5.54
- 3.22
1.72
8645.8
9660.2
75
0.166
7807.1
5.78
- 3.14
1.84
7355.6
8258.7
80
0.142
6685.6
6.02
- 3.06
1.96
6283.2
7087.9
85
0.122
5747.0
6.25
- 2.99
2.09
5388.0
6106.0
90
0.105
4958.4
6.47
- 2.92
2.22
4637.7
5279.2
95
0.091
4293.3
6.69
- 2.85
2.35
4006.3
4580.3
100
0.079
3730.1
6.90
- 2.78
2.48
3472.9
3987.3
105
0.069
3251.6
7.10
- 2.71
2.62
3020.8
3482.5
110
0.061
2843.6
7.30
- 2.65
2.75
2636.0
3051.2
115
0.053
2494.5
7.49
- 2.59
2.89
2307.5
2681.4
120
0.047
2194.7
7.68
- 2.53
3.04
2026.1
2363.4
125
0.041
1936.6
7.87
- 2.47
3.18
1784.3
2089.0


Similar Part No. - NTCALUG03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG03 VISHAY-NTCALUG03 Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03A VISHAY-NTCALUG03A Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
More results

Similar Description - NTCALUG03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG03A VISHAY-NTCALUG03A_V01 Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com