Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75874W Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75874W
Description  1/4-Duty General-Purpose LCD Display Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75874W Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75874W Datasheet HTML 5Page - Sanyo Semicon Device LC75874W Datasheet HTML 6Page - Sanyo Semicon Device LC75874W Datasheet HTML 7Page - Sanyo Semicon Device LC75874W Datasheet HTML 8Page - Sanyo Semicon Device LC75874W Datasheet HTML 9Page - Sanyo Semicon Device LC75874W Datasheet HTML 10Page - Sanyo Semicon Device LC75874W Datasheet HTML 11Page - Sanyo Semicon Device LC75874W Datasheet HTML 12Page - Sanyo Semicon Device LC75874W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2. DR: 1/2-bias drive or 1/3-bias drive switching control data
This control data bit selects either 1/2-bias drive or 1/3-bias drive.
3. SC: Segment on/off control data
This control data controls the on/off state of the segments.
Note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting segment off
waveforms from the segment output pins.
4. BU: Normal mode/power-saving mode control data
This control data bit selects either normal mode or power-saving mode.
No. 4465-No. 5800-9/16
LC75874E, 75874W
SC
Display state
0
On
1
Off
BU
Mode
0
Normal mode
Power saving mode. In this mode, the OSC pin oscillator is stopped and the common and segment output pins go to the VSS level.
1
However, the S1/P1 to S8/P8 output pins can be used as general-purpose output ports under the control of the data bits P0 to P3.
DR
Drive scheme
0
1/3-bias drive
1
1/2-bias drive


Similar Part No. - LC75874W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75873NW SANYO-LC75873NW Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
More results

Similar Description - LC75874W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com