Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104NA-ZSP45XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104NA-ZSP45XIT
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZSP45XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104NA-ZSP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B104NA-ZSP45XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *H
Page 10 of 24
AC Test Conditions
Input pulse levels....................................................0 V to 3 V
Input rise and fall times (10% - 90%) ........................... <3 ns
Input and output timing reference levels ....................... 1.5 V
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Nonvolatile STORE operations
1,000
K
Capacitance
In the following table, the capacitance parameters are listed.[14]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance (except BHE, BLE and HSB)TA = 25 °C, f = 1 MHz,
VCC = VCC (Typ)
7pF
Input capacitance (for BHE, BLE and HSB)8
pF
COUT
Output capacitance (except HSB)
7
pF
Output capacitance (for HSB)
8
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed. [14]
Parameter
Description
Test Conditions
48-FBGA
44-TSOP II 54-TSOP II
Unit
Θ
JA
Thermal resistance
(Junction to ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, in accordance with EIA/JESD51.
28.82
31.11
30.73
°C/W
Θ
JC
Thermal resistance
(Junction to case)
7.84
5.56
6.08
°C/W
Figure 5. AC Test Loads
3.0 V
OUTPUT
5 pF
R1
R2
789
Ω
3.0 V
OUTPUT
30 pF
R1
R2
789
Ω
for tristate specs
577
Ω
577
Ω
Note
14. These parameters are guaranteed by design but not tested.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104NA-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZSP45XIT CYPRESS-CY14B104NA-ZSP45XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZSP45XIT CYPRESS-CY14B104NA-ZSP45XIT Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZSP45XIT CYPRESS-CY14B104NA-ZSP45XIT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZSP45XIT CYPRESS-CY14B104NA-ZSP45XIT Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
More results

Similar Description - CY14B104NA-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com