Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256Q3-SFXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B256Q3-SFXIT
Description  256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256Q3-SFXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B256Q3-SFXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256Q3-SFXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CY14B256Q1
CY14B256Q2
CY14B256Q3
Document Number: 001-53882 Rev. *E
Page 7 of 26
SPI Modes
CY14B256Q1/CY14B256Q2/CY14B256Q3 may be driven by a
microcontroller with its SPI peripheral running in either of the
following two modes:
SPI Mode 0 (CPOL=0, CPHA=0)
SPI Mode 3 (CPOL=1, CPHA=1)
For both these modes, the input data is latched in on the rising
edge of SCK starting from the first rising edge after CS goes
active. If the clock starts from a HIGH state (in mode 3), the first
rising edge after the clock toggles, is considered. The output data
is available on the falling edge of SCK.
The two SPI modes are shown in Figure 3 and Figure 4. The
status of clock when the bus master is in standby mode and not
transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
CPOL and CPHA bits must be set in the SPI controller for the
either Mode 0 or Mode 3. The device detects the SPI mode from
the status of SCK pin when the device is selected by bringing the
CS pin LOW. If SCK pin is LOW when the device is selected, SPI
Mode 0 is assumed and if SCK pin is HIGH, it works in
SPI Mode 3.
Figure 3. SPI Mode 0
LSB
MSB
7
654
32
10
CS
SCK
SI
0
1
2
3
4
5
6
7
Figure 4. SPI Mode 3
CS
SCK
SI
7
654
32
10
LSB
MSB
0
12
3
4
56
7
[+] Feedback


Similar Part No. - CY14B256Q3-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q3 CYPRESS-CY14B256Q3 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14B256Q3-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com