Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT3045C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT3045C
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3045C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT3045C Datasheet HTML 1Page - Vishay Siliconix VT3045C Datasheet HTML 2Page - Vishay Siliconix VT3045C Datasheet HTML 3Page - Vishay Siliconix VT3045C Datasheet HTML 4Page - Vishay Siliconix VT3045C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89350
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 30-Nov-10
VT3045C, VIT3045C
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5.0 A
TA = 25 °C
VF (1)
0.42
-
V
IF = 7.5 A
0.44
-
IF = 15 A
0.49
0.57
IF = 5.0 A
TA = 125 °C
0.30
-
IF = 7.5 A
0.33
-
IF = 15 A
0.39
0.48
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-
2000
μA
TA = 125 °C
17
50
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3045C
VIT3045C
UNIT
Typical thermal resistance
per diode
RθJC
1.6
°C/W
per device
0.85
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT3045C-M3/4W
1.89
4W
50/tube
Tube
TO-262AA
VIT3045C-M3/4W
1.46
4W
50/tube
Tube
Case Temperature (°C)
35
30
25
20
5
0
100
110
120
130
140
150
15
10
0
1
6
7
8
9
02
6
10
16
18
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
12
D = t
p/T
t
p
T
3
4
5
2
14
4
8


Similar Part No. - VT3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3045C VISHAY-VT3045C Datasheet
140Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VT3045C-M3 VISHAY-VT3045C-M3 Datasheet
139Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
VT3045C-M3 VISHAY-VT3045C-M3_15 Datasheet
136Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
VT3045CB VISHAY-VT3045CB Datasheet
128Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 29-Oct-13
VT3045CBP VISHAY-VT3045CBP Datasheet
122Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 26-Oct-10
More results

Similar Description - VT3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VT4045C VISHAY-VT4045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Nov-10
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 22-Nov-13
V60D45C VISHAY-V60D45C_15 Datasheet
120Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-M3 VISHAY-VBT1045C-M3_15 Datasheet
82Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Apr-13
VE3045C-E3 VISHAY-VE3045C-E3_15 Datasheet
113Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-E3 VISHAY-VBT1045C-E3_15 Datasheet
81Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com