Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT4045C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT4045C
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT4045C Datasheet(HTML) 3 Page - Vishay Siliconix

  VT4045C Datasheet HTML 1Page - Vishay Siliconix VT4045C Datasheet HTML 2Page - Vishay Siliconix VT4045C Datasheet HTML 3Page - Vishay Siliconix VT4045C Datasheet HTML 4Page - Vishay Siliconix VT4045C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89351
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 30-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VT4045C, VIT4045C
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.7
100
10
1
0.1
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
0.6
0.1
0.3
0.5
20
40
60
80
100
1
0.1
0.01
0.001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
100
10 000
100 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000
10
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
1


Similar Part No. - VT4045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT4045C VISHAY-VT4045C Datasheet
142Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VT4045C-M3 VISHAY-VT4045C-M3 Datasheet
135Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.28 V at IF = 5.0 A
Revision: 15-Dec-16
VT4045C-M3 VISHAY-VT4045C-M3_15 Datasheet
128Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
VT4045CHM3 VISHAY-VT4045CHM3 Datasheet
128Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
VT4045CHM3 VISHAY-VT4045CHM3 Datasheet
135Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.28 V at IF = 5.0 A
Revision: 15-Dec-16
More results

Similar Description - VT4045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VT3045C VISHAY-VT3045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Nov-10
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 22-Nov-13
V60D45C VISHAY-V60D45C_15 Datasheet
120Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-M3 VISHAY-VBT1045C-M3_15 Datasheet
82Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Apr-13
VE3045C-E3 VISHAY-VE3045C-E3_15 Datasheet
113Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-E3 VISHAY-VBT1045C-E3_15 Datasheet
81Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com