Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B512P-SFXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B512P-SFXI
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512P-SFXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B512P-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
CY14B512P
512-Kbit (64 K × 8) Serial (SPI) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-53872 Rev. *E
Revised January 12, 2011
512-Kbit (64 K × 8) Serial (SPI) nvSRAM with Real Time Clock
Features
512-Kbit nonvolatile static random access memory (nvSRAM)
Internally organized as 64 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by the user
using HSB pin (Hardware STORE) or SPI instruction
(Software STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by serial peripheral interface (SPI) instruction
(Software RECALL)
Automatic STORE on power-down with a small capacitor
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years
Real time clock (RTC)
Full featured RTC
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Backup current of 0.35 µA (typical)
High-speed SPI
40 MHz clock rate – SRAM memory access
25 MHz clock rate – RTC memory access
Supports SPI mode 0 (0,0) and mode 3 (1,1)
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Single 3 V + 20%, –10% operation
Average active current of 10 mA at 40 MHz operation
Industry standard configurations
Industrial temperature
16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Overview
The Cypress CY14B512P combines a 512-Kbit nvSRAM[1] with
a full-featured real time clock in a monolithic integrated circuit
with serial SPI interface. The memory is organized as 64 K words
of 8 bits each. The embedded nonvolatile elements incorporate
the QuantumTrap technology, creating the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while the QuantumTrap cells provide highly reliable
nonvolatile storage of data. Data transfers from SRAM to the
nonvolatile
elements
(STORE
operation)
takes
place
automatically at power-down. On power-up, data is restored to
the SRAM from the nonvolatile memory (RECALL operation).
The STORE and RECALL operations can also be initiated by the
user through SPI instruction.
Instruction
register
Address
Decoder
Data I/O register
Status Register
Power Control
STORE/RECALL
Control
Instruction decode
Write protect
Control logic
QuantumTrap
STORE
RECALL
SI
SCK
VCC
V
CAP
SO
HSB
64 K X 8
SRAM Array
64 K X 8
RTC
X
X
INT
MUX
A0-A15
D0-D7
HOLD
CS
WP
out
in
Logic Block Diagram
Note
1. This device is referred to as nvSRAM throughout the document.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com