Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E101J Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14E101J
Description  1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101J Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14E101J Datasheet HTML 1Page - Cypress Semiconductor CY14E101J Datasheet HTML 2Page - Cypress Semiconductor CY14E101J Datasheet HTML 3Page - Cypress Semiconductor CY14E101J Datasheet HTML 4Page - Cypress Semiconductor CY14E101J Datasheet HTML 5Page - Cypress Semiconductor CY14E101J Datasheet HTML 6Page - Cypress Semiconductor CY14E101J Datasheet HTML 7Page - Cypress Semiconductor CY14E101J Datasheet HTML 8Page - Cypress Semiconductor CY14E101J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PRELIMINARY
CY14C101J
CY14B101J, CY14E101J
Document #: 001-54050 Rev. *D
Page 3 of 32
Pinouts
Figure 1. Pin Diagram – 8-Pin SOIC
Figure 2. Pin Diagram – 16-Pin SOIC
Table 1. Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock. Runs at speeds up to a maximum of fSCL.
SDA
Input/Output
I/O. Input/Output of data through I2C interface.
WP
Input
Write Protect. Protects the memory from all writes. This pin is internally pulled LOW and hence can
be left open if not connected.
A2-A1
Input
Slave Address. Defines the slave address for I2C. This pin is internally pulled LOW and hence can
be left open if not connected.
HSB
Input/Output
Hardware STORE Busy
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as no
connect. It must never be connected to ground.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply
Ground.
VCC
Power supply
Power supply.
WP
SCL
1
2
3
4
5
NC
8
7
6
V
CC
SDA
A1
A2
V
Top View
not to scale
CY14X101J1
SS
WP
SCL
1
2
3
4
5
8
7
6
V
CC
SDA
A1
A2
Top View
not to scale
CY14X101J2
V
CAP
VSS
[2]
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
A2
SDA
SCL
A1
HSB
NC
Top View
not to scale
VSS
NC
NC
NC
NC
NC
CY14X101J3
[2]
Note
2. This pin is reserved for lower densities.
[+] Feedback


Similar Part No. - CY14E101J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101J CYPRESS-CY14E101J Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14E101J CYPRESS-CY14E101J Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14E101J2-SXI CYPRESS-CY14E101J2-SXI Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14E101J2-SXIT CYPRESS-CY14E101J2-SXIT Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14E101J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com