Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E101I-SFXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14E101I-SFXI
Description  1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101I-SFXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14E101I-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PRELIMINARY
CY14C101I
CY14B101I, CY14E101I
Document #: 001-54391 Rev. *C
Page 3 of 42
Pinouts
Figure 1. Pin Diagram - 16-Pin SOIC
Table 1. Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock: Runs at speeds up to a maximum of fSCL
SDA
Input/Output
I/O: Input/output of data through I2C interface
WP
Input
Write Protect: Protects the memory from all writes. This pin is internally pulled LOW and hence can
be left open if not connected.
A2-A1
Input
Slave Address: Defines the slave address for I2C. These pins are internally pulled LOW and hence
can be left open if not connected.
HSB
Input/Output
Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull-up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore capacitor: Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as No
Connect. It must never be connected to ground.
VRTCcap
Power supply
Capacitor backup for RTC: Left unconnected if VRTCbat is used
VRTCbat
Power supply
Battery backup for RTC: Left unconnected if VRTCcap is used
Xout
Output
Crystal output connection
Xin
Input
Crystal input connection
INT/SQW
Output
Interrupt output/calibration/square wave. Programmable to respond to the clock alarm, the watchdog
timer, and the power monitor. Also programmable to either active HIGH (push or pull) or LOW (open
drain). In Calibration mode, a 512 Hz square wave is driven out. In Square Wave mode, the user
may select a frequency of 1 Hz, 512 Hz, 4096 Hz, or 32768 Hz to be used as a continuous output.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply
Ground
VCC
Power supply
Power supply
INT/SQW
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
A2
SDA
SCL
A1
HSB
NC
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS
[+] Feedback


Similar Part No. - CY14E101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com