Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101PA-SF104XIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101PA-SF104XIT
Description  1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101PA-SF104XIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101PA-SF104XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101PA-SF104XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
PRELIMINARY
CY14C101PA
CY14B101PA
CY14E101PA
1-Mbit (128 K × 8) Serial (SPI) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-54392 Rev. *C
Revised January 21, 2011
Features
1-Mbit nonvolatile static random access memory (nvSRAM)
Internally organized as 128 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using SPI
instruction (Software STORE) or HSB pin (Hardware
STORE)
RECALL to SRAM initiated on power-up (Power Up RECALL)
or by SPI instruction (Software RECALL)
Automatic STORE on power-down with a small capacitor
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years at 85 °C
Real time clock (RTC)
Full-featured RTC
Watchdog timer
Clock alarm with programmable interrupts
Backup power fail indication
Square wave output with programmable frequency
(1 Hz, 512 Hz, 4096 Hz, 32.768 kHz)
Capacitor or battery backup for RTC
Backup current of 0.45 uA (typical)
40 MHz, and 104 MHz High-speed serial peripheral interface
(SPI)
40 MHz clock rate SPI write and read with zero cycle delay
104 MHz clock rate SPI write and read (with special fast read
instructions)
Supports SPI mode 0 (0,0) and mode 3 (1,1)
SPI access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Average active current of 3 mA at 40 MHz operation
Average standby mode current of 250 uA
Sleep mode current of 8 uA
Industry standard configurations
Operating voltages:
• CY14C101PA : VCC = 2.4 V to 2.6 V
• CY14B101PA : VCC = 2.7 V to 3.6 V
• CY14E101PA : VCC = 4.5 V to 5.5 V
Industrial temperature
16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Overview
The Cypress CY14X101PA combines a 1 Mbit nvSRAM[1] with a
full-featured RTC in a monolithic integrated circuit with serial SPI
interface. The memory is organized as 128 K words of 8 bits
each. The embedded nonvolatile elements incorporate the
QuantumTrap technology, creating the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while the QuantumTrap cells provide highly reliable
nonvolatile storage of data. Data transfers from SRAM to the
nonvolatile
elements
(STORE
operation)
takes
place
automatically at power-down. On power-up, data is restored to
the SRAM from the nonvolatile memory (RECALL operation).
You can also initiate the STORE and RECALL operations
through SPI instruction.
Note
1. This device will be referred to as nvSRAM throughout the document.
Memory Data
&
Address Control
Manufacture ID/
Product ID
SPI Control Logic
Write Protection
Instruction decoder
Power Control
Block
RDSN/WRSN/RDID
Serial Number
8 x 8
Quantrum Trap
128 K x 8
SRAM
128 K x 8
STORE
SI
CS
SCK
WP
VCC
VCAP
RECALL
RTC Control Logic
Registers
Counters
INT/SQW
Xin
Xout
VRTCcap
READ/WRITE
Status Register
WRSR/RDSR/WREN
STORE/RECALL/ASENB/ASDISB
RDRTC/WRTC
VRTCbat
SO
SLEEP
Logic Block Diagram
[+] Feedback


Similar Part No. - CY14B101PA-SF104XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101PA-SFXI CYPRESS-CY14B101PA-SFXI Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SFXI CYPRESS-CY14B101PA-SFXI Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SFXIT CYPRESS-CY14B101PA-SFXIT Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SFXIT CYPRESS-CY14B101PA-SFXIT Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101PA-SF104XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com