Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9482EUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9482EUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482EUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9482EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 12Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
accuracy. The bypass capacitors should include a
0.1µF ceramic capacitor between each supply pin and
the ground plane, located as close to the package as
possible. Additionally, place a 1µF to 10µF ceramic or
tantalum capacitor in parallel with each 0.1µF capacitor,
and as close to them as possible. Place a 10µF to 15µF
low-ESR tantalum capacitor at the VCC, VLM, and VLP
power-supply points of entry to the PC board. Place a
100µF to 220µF low-ESR tantalum capacitor at the VEE
power-supply point of entry to the PC board. The power-
supply traces should lead directly from the board input
capacitors to VCC and VEE. To minimize parasitic induc-
tance, keep PC traces short and use surface-mount
components. Wire-wrapped boards are much too induc-
tive, and breadboards are much too capacitive; neither
should be used. Power-supply sequencing is required;
apply ±5.0 before applying ±2.5V.
Exposed-Pad Connection
For optimum electrical performance, the EP of the
MAX9480/MAX9481/MAX9482 should be soldered to
the PC board and electrically connected to VEE with as
wide a trace as possible. If using the EP, the 100µF to
220µF low-ESR tantalum capacitor should be used to
decouple the EP to the ground plane of the PC board
as close to the EP region as possible. For optimum
thermal performance, the EP should be additionally
connected to a heat sink, as described in the Thermal
Protection and Power Dissipation section.
Preamp Output Bypassing
In addition to the above layout considerations, and inde-
pendent of the gain setting, some high-frequency
bypassing of the preamp outputs is necessary to prevent
instability arising from the high-frequency input imped-
ance characteristics of the buffers. A 50
Ω resistor in
series with a 2200pF ceramic capacitor should be con-
nected between POUT_ and DGND, with a 47pF capaci-
tor connected directly between POUT_ and DGND.
Choosing Feedback and Gain Resistors
The MAX9480/MAX9481/MAX9482 use current-feed-
back amplifiers. Figure 2 shows the standard inverting
and noninverting configurations. Notice that the gain of
the noninverting circuit, Figure 2(b), is 1 plus the mag-
nitude of the inverting closed-loop gain. Increasing
feedback resistor values decreases peaking. Use the
input resistor, RG, to change the magnitude of the gain.
Do not use feedback capacitance.
DC and Noise Errors
There are several error sources to consider when using
any operational amplifier, and this applies to the
MAX9480/MAX9481/MAX9482 as well. Offset-error
terms are given by equations 3 and 4. Voltage and cur-
rent-noise errors are root-square summed and there-
fore computed separately. In Figure 3, the total output
offset voltage is determined by:
• The input offset voltage, VOS, times the closed-loop
gain (1 + (RF / RG)).
• The positive input bias current, IB+, times the source
resistor, RS (typically less than 10
Ω), plus the nega-
tive input bias current, IB-, times the parallel combi-
nation of RG and RF. In current-mode feedback
amplifiers, the input bias currents may flow into or
out of the device. For this reason, there is no benefit
to matching the resistance at both inputs, as is com-
mon in voltage-feedback amplifiers.
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
_______________________________________________________________________________________
9
VOUT
RF
RG
RS
MAX9480
MAX9481
MAX9482
VIN
RT
VOUT = -
RF
( )
RG (
)
VIN
VOUT
RF
RG
RT
(a)
(b)
MAX9480
MAX9481
MAX9482
VOUT =
RF
[ ( )]
RG
VIN
( )
VIN
1+
Figure 2. Inverting Gain Configuration and Noninverting Gain
Configuration


Similar Part No. - MAX9482EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9482 MAXIM-MAX9482 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9482CGJ MAXIM-MAX9482CGJ Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9482CUI MAXIM-MAX9482CUI Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
More results

Similar Description - MAX9482EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
logo
Broadcom Corporation.
BCM6410 BOARDCOM-BCM6410 Datasheet
162Kb / 1P
   LOW POWER HIGH DENSITY CENTRAL OFFICE ADSL SOLUTION
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com