Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22050KFI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22050KFI
Description  One-PLL General-Purpose Flash-Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22050KFI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22050KFI Datasheet HTML 1Page - Cypress Semiconductor CY22050KFI Datasheet HTML 2Page - Cypress Semiconductor CY22050KFI Datasheet HTML 3Page - Cypress Semiconductor CY22050KFI Datasheet HTML 4Page - Cypress Semiconductor CY22050KFI Datasheet HTML 5Page - Cypress Semiconductor CY22050KFI Datasheet HTML 6Page - Cypress Semiconductor CY22050KFI Datasheet HTML 7Page - Cypress Semiconductor CY22050KFI Datasheet HTML 8Page - Cypress Semiconductor CY22050KFI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *I
Page 4 of 11
CY22050 Frequency Calculation
The CY22050 is an extremely flexible clock generator with up to
six individual outputs, generated from an integrated PLL.
There are four variables used to determine the final output
frequency. They are: the input REF, the P and Q dividers, and
the post divider. The three basic formulas for determining the
final output frequency of a CY22150-based design are:
CLK = ((REF * P)/Q)/Post Divider
CLK = REF/Post Divider
CLK = REF
The basic PLL block diagram is shown in Figure 2. Each of the
six clock outputs has a total of seven output options available to
it. There are six post divider options: /2 (two of these), /3, /4,
/DIV1N, and DIV2N. DIV1N and DIV2N are separately calculated
and can be independent of each other. The post divider options
can be applied to the calculated PLL frequency or to the REF
directly.
In addition to the six post divider options, the seventh option
bypasses the PLL and passes the REF directly to the crosspoint
switch matrix.
Clock Output Settings: Crosspoint Switch
Matrix
Each of the six clock outputs can come from any of seven unique
frequency sources. The crosspoint switch matrix defines which
source is attached to each individual clock output. Although it
may seem that there are an unlimited number of divider options,
there are several rules that must be taken into account when
selecting divider options.
Figure 2. Basic PLL Block Diagram
Table 2. Clock Output Definition
Clock Output Divider
Definition and Notes
None
Clock output source is the reference input frequency
/DIV1N
Clock output uses a generated /DIV1N option from Divider Bank 1. Allowable values for DIV1N are 4 to 127.
If Divider Bank 1 is not being used, set DIV1N to 8.
/2
Clock output uses a fixed /2 option from Divider Bank 1. If this option is used, DIV1N must be divisible by 4.
/3
Clock output uses a fixed /3 option from Divider Bank 1. If this option is used, set DIV1N to 6.
/DIV2N
Clock output uses a generated /DIV2N option from Divider Bank 2. Allowable values for DIV2N are 4 to 127.
If Divider Bank 2 is not being used, set DIV2N to 8.
/2
Clock output uses a fixed /2 option from Divider Bank 2. If this option is used, DIV2N must be divisible by 4.
/4
Clock output 2 uses a fixed /4 option from Divider Bank 2. If this option is used, DIV2N must be divisible by 8.
Q
VCO
P
/2
/3
/2
LCLK1
LCLK2
LCLK3
LCLK4
CLK5
CLK6
Crosspoint
Switch
REF
PFD
Divider Bank 1
/4
Divider Bank 2
/DIV1N
/DIV2N
Matrix
[+] Feedback


Similar Part No. - CY22050KFI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050KFZXC CYPRESS-CY22050KFZXC Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050KFZXI CYPRESS-CY22050KFZXI Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
More results

Similar Description - CY22050KFI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com