Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2305CSXC-1H Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2305CSXC-1H
Description  3.3 V Zero Delay Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXC-1H Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2305CSXC-1H Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 9Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 10Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 11Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 12Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 13Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 14Page - Cypress Semiconductor CY2305CSXC-1H Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *K
Page 11 of 17
Ordering Information
Ordering Code
Package Type
Operating Range
Pb-free - CY2305C
CY2305CSXC-1
8-pin 150 Mil SOIC
Commercial
CY2305CSXC-1T
8-pin 150 Mil SOIC – Tape and reel
Commercial
CY2305CSXC-1H
8-pin 150 Mil SOIC
Commercial
CY2305CSXC-1HT
8-pin 150 Mil SOIC – Tape and reel
Commercial
CY2305CSXI-1
8-pin 150 Mil SOIC
Industrial
CY2305CSXI-1T
8-pin 150 Mil SOIC – Tape and reel
Industrial
CY2305CSXI-1H
8-pin 150 Mil SOIC
Industrial
CY2305CSXI-1HT
8-pin 150 Mil SOIC – Tape and reel
Industrial
CY2305CSXA-1H
8-pin 150 Mil SOIC
Automotive-A
CY2305CSXA-1HT
8-pin 150 Mil SOIC – Tape and reel
Automotive-A
Pb-free - CY2309C
CY2309CSXC-1
16-pin 150 Mil SOIC
Commercial
CY2309CSXC-1T
16-pin 150 Mil SOIC – Tape and reel
Commercial
CY2309CSXC-1H
16-pin 150 Mil SOIC
Commercial
CY2309CSXC-1HT
16-pin 150 Mil SOIC – Tape and reel
Commercial
CY2309CSXI-1
16-pin 150 Mil SOIC
Industrial
CY2309CSXI-1T
16-pin 150 Mil SOIC – Tape and reel
Industrial
CY2309CSXI-1H
16-pin 150 Mil SOIC
Industrial
CY2309CSXI-1HT
16-pin 150 Mil SOIC – Tape and reel
Industrial
CY2309CZXC-1
16-pin 4.4 mm TSSOP
Commercial
CY2309CZXC-1T
16-pin 4.4 mm TSSOP – Tape and reel
Commercial
CY2309CZXC-1H
16-pin 4.4 mm TSSOP
Commercial
CY2309CZXC-1HT
16-pin 4.4 mm TSSOP – Tape and reel
Commercial
CY2309CZXI-1
16-pin 4.4 mm TSSOP
Industrial
CY2309CZXI-1T
16-pin 4.4 mm TSSOP – Tape and reel
Industrial
CY2309CZXI-1H
16-pin 4.4 mm TSSOP
Industrial
CY2309CZXI-1HT
16-pin 4.4 mm TSSOP – Tape and reel
Industrial
[+] Feedback


Similar Part No. - CY2305CSXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXC-1H CYPRESS-CY2305CSXC-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXC-1HT CYPRESS-CY2305CSXC-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXC-1H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com