Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2305SXC-1T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2305SXC-1T
Description  Low Cost 3.3-V Zero Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SXC-1T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2305SXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2305SXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY2305, CY2309
Document Number : 38-07140 Rev. *M
Page 3 of 19
Pinouts
Figure 1. Pin Diagram - CY2305
Figure 2. Pin Diagram - CY2309
Table 1. Pin Description for CY2305
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5-V tolerant input
2
CLK2[2]
Buffered clock output
3
CLK1[2]
Buffered clock output
4
GND
Ground
5
CLK3[2]
Buffered clock output
6VDD
3.3-V supply
7
CLK4[2]
Buffered clock output
8
CLKOUT[2]
Buffered clock output, internal feedback on this pin
Table 2. Pin Description for CY2309
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5-V tolerant input
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3-V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8
S2[3]
Select input, bit 2
9
S1[3]
Select input, bit 1
10
CLKB3[2]
Buffered clock output, Bank B
11
CLKB4[2]
Buffered clock output, Bank B
12
GND
Ground
1
2
3
4
5
8
7
6
REF
CLK2
CLK1
GND
VDD
CLKOUT
CLK4
CLK3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
[+] Feedback


Similar Part No. - CY2305SXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SXC-1T CYPRESS-CY2305SXC-1T Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SXC-1T CYPRESS-CY2305SXC-1T Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SXC-1T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305 MOTOROLA-MPC962305 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com