Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP525-2 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9LP525-2
Description  56-pin CK505 for Intel Desktop Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LP525-2 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9LP525-2 Datasheet HTML 1Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 2Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 3Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 4Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 5Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 6Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 7Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 8Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1397—11/08/10
ICS9LP525-2
PC MAIN CLOCK
4
ICS9LP525-2 is compliant Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for Intel desktop
chipsets.
ICS9LP525-2 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express
support.
General Description
Block Diagram
Power Groups
VDD
GND
41, 47
44
16
15
12
11
9
11
53
50
2
8
Pin Number
Description
Master Clock, Analog
CPUCLK
26, 31, 37
23, 34
SRCCLK
20
19
USB 48
Xtal, REF
PCICLK
PLL3/SE
DOT 96Mhz
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(7:3)
PLL2
Non-SS
PLL3
SS
7
SRC8/ITP
PCI(5:0)
SRC2/SATA
SRC1/SE(2:1)
SE Outputs
SATA
DOT96MHz
PCI33MHz
SRC
SRC
SRC_MAIN
PCI33MHz
Differential Output
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A:F)
SRC5_EN
ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2


Similar Part No. - ICS9LP525-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
   56-pin CK505 for Intel Desktop Systems
2019
More results

Similar Description - ICS9LP525-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
   56-pin CK505 for Intel Desktop Systems
2019
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
   56-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
9LP505-2HGLF IDT-9LP505-2HGLF Datasheet
61Kb / 1P
   56-pin CK505 for Desktop P4??Systems
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
   56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
ICS9LP505-1 RENESAS-ICS9LP505-1 Datasheet
346Kb / 21P
   64-pin CK505 for Desktop Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com