Electronic Components Datasheet Search |
|
NJM2842U2-008 Datasheet(PDF) 1 Page - New Japan Radio |
|
NJM2842U2-008 Datasheet(HTML) 1 Page - New Japan Radio |
1 / 11 page NJM2842 - 1 - Ver.2011-02-18 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 4 5 3 Very Low Output Low Dropout Regulator GENERAL DESCRIPTION PACKAGE OUTLINE FEATURES • Output Voltage Range 0.8V to 1.8V • High Ripple Rejection 91 dB typ.( VO=1.2V) • Output Noise Voltage VNO=44 µVrms • Output Current IO(max)=1.0A • High Precision Output VO±1.0% • Dual Supply Voltage Type VIN, VBIAS (sequence free) • High Stability for Load 0.002%/mA (max) • Output Capacitor with 4.7µF ceramic capacitor (V O>1.0V) • Low Dropout Voltage 0.2V typ. @IO=600mA • ON/OFF Control • Built-in Thermal Overload Protection and Short Circuit Current Limit Protection • Bipolar Technology • Package Outline SOT-89-5, ESON6-H1, TO252-5 PIN CONNECTION BLOCK DIAGRAM VOUT GND VBIAS Thermal Protection Bandgap Reference CONTROL Over Current Protection VIN NJM2842U2 NJM2842KH1 The NJM2842 is a very low output voltage, low drop out regulators. It delivers up to 1A output current with the output voltage of 0.8 to 1.8V. The use of an external bias voltage can improve the transient response and the ripple rejection characteristics while maintaining minimum input to output voltage. NJM2842U2 1. CONTROL 2. GND 3. VOUT 4. VIN 5.VBIAS 123 4 52 Exposed Pad (Connected to GND) 1. VOUT 2. VBIAS 3. N.C. 4. CONTROL 5. GND 6. VIN NJM2842KH1 NJM2842DL3 1. CONTROL 2. VOUT 3. GND 4. VIN 5.VBIAS NJM2842DL3 |
Similar Part No. - NJM2842U2-008 |
|
Similar Description - NJM2842U2-008 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |