Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT424005 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT424005
Description  Power PCB Relay RT2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT424005 Datasheet(HTML) 3 Page - Tyco Electronics

  RT424005_05 Datasheet HTML 1Page - Tyco Electronics RT424005_05 Datasheet HTML 2Page - Tyco Electronics RT424005_05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power PCB Relay RT2 (Continued)
Product key
RT
4
Type
Version
4
8 A, pinning 5 mm, flux proof
E
8 A, pinning 5 mm, wash tight
Contact configuration
2
2 CO contacts
4
2 NO contacts
Contact material
3
AgSnO2
4
AgNi 90/10
5
AgNi 90/10 gold plated
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Preferred types in bold print
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RT424005
8 A
2 CO contacts
AgNi 90/10
DC-coil
5 VDC
5-1393243-9
RT424006
pinning 5 mm
6 VDC
6-1393243-1
RT424012
flux proof
12 VDC
6-1393243-3
RT424024
24 VDC
6-1393243-8
RT424048
48 VDC
7-1393243-0
RT424060
60 VDC
7-1393243-3
RT424110
110 VDC
7-1393243-5
RT424524
AC-coil
24 VAC
7-1393243-6
RT424615
115 VAC
7-1393243-8
RT424730
230 VAC
7-1393243-9
RT425005
AgNi 90/10
DC-coil
5 VDC
8-1393243-0
RT425012
gold plated
12 VDC
8-1393243-2
RT425024
24 VDC
8-1393243-5
RT425524
AC-coil
24 VAC
9-1393243-1
RT425615
115 VAC
9-1393243-2
RT425730
230 VAC
9-1393243-3
RT444012
2 NO contacts
AgNi 90/10
DC-coil
12 VDC
9-1393243-7
RT444024
24 VDC
9-1393243-9
RTE24005
8 A
2 CO contacts
5 VDC
0-1393243-1
RTE24006
pinning 5 mm
6 VDC
0-1393243-2
RTE24012
wash tight
12 VDC
0-1393243-4
RTE24024
24 VDC
1-1393243-0
RTE24048
48 VDC
1-1393243-1
RTE24060
60 VDC
1-1393243-3
RTE24110
110 VDC
1-1393243-4
RTE24524
AC-coil
24 VAC
1-1393243-5
RTE24615
115 VAC
1-1393243-7
RTE24730
230 VAC
1-1393243-8
RTE25005
AgNi 90/10
DC-coil
5 VDC
1-1393243-9
RTE25012
gold plated
12 VDC
2-1393243-0
RTE25024
24 VDC
2-1393243-1


Similar Part No. - RT424005_05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT424005AP MACOM-RT424005AP Datasheet
541Kb / 3P
   General Purpose Relays PCB Relays
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
   Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
More results

Similar Description - RT424005_05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
   Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
   Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
   Power PCB Relay RT2 bistable
logo
TE Connectivity Ltd
RT2-DC TEC-RT2-DC Datasheet
411Kb / 4P
   Power PCB Relay RT2 DC and AC
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com