Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26126 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU26126
Description  Digital Signal Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26126 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU26126_10 Datasheet HTML 5Page - New Japan Radio NJU26126_10 Datasheet HTML 6Page - New Japan Radio NJU26126_10 Datasheet HTML 7Page - New Japan Radio NJU26126_10 Datasheet HTML 8Page - New Japan Radio NJU26126_10 Datasheet HTML 9Page - New Japan Radio NJU26126_10 Datasheet HTML 10Page - New Japan Radio NJU26126_10 Datasheet HTML 11Page - New Japan Radio NJU26126_10 Datasheet HTML 12Page - New Japan Radio NJU26126_10 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NJU26126
- 9 -
Ver.2010-08-19
Table 6 Input clock (In Slave mode)
Mode
Clock Signal
Multiple Frequency
32kHz
44.1kHz
48kHz
LR
1fs
32kHz
44.1kHz
48kHz
BCK (32fs)
32fs
1.024MHz
1.4112MHz
1.536MHz
BCK (64fs)
64fs
2.048MHz
2.822MHz
3.072MHz
MCK
(SLAVEb=”L”)
Input terminal: Clock is generated by MCK or CLK
DSP
Slave
MCK
(SLAVEb=”H”)
Buffer output of CLK
12.288MHz
Table 7 Output clock (In Master mode)
CLK pin frequency
Mode
Clock Signal
Multiple Frequency
32kHz
44.1kHz
48kHz
LR
1fs
32kHz
-
48kHz
BCK (32fs)
32fs
1.024MHz
-
1.536MHz
BCK (64fs)
64fs
2.048MHz
-
3.072MHz
DSP
Master
MCK
Buffer output of CLK
12.288MHz


Similar Part No. - NJU26126_10

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26126 NJRC-NJU26126 Datasheet
270Kb / 17P
   NJU26100 Series Hardware Specification
More results

Similar Description - NJU26126_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com