Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS321_0106 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS321_0106
Description  Application Note
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS321_0106 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS321_0106 Datasheet HTML 1Page - Vectron International, Inc TFS321_0106 Datasheet HTML 2Page - Vectron International, Inc TFS321_0106 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ltp: tft025
version 1.0
19.06.2001
VI TELEFILTER
Application Note
TFS 321
3/3
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
- The shunt capacitors mainly influences the pass band tilt an increase of the capacity value
will change the tilt to lower attenuation on the high frequency side of the pass band
The coupling coil mainly influences the bandwidth in pass band of the filter
The strategy to match the filter on the customers board should be as follows:
-
match the filter according to theoretical values to 50 Ohm.
Use your final PCB for this matching to be sure to have the stray elements of the PCB
then before.
-
Adjust external coil according to stray elements of the PCB
The external coil influences the bandwidth of the filter by influencing the upper transition
band of the filter only. The position of the lower transition band is not influenced. That
means a wrong value for the external coil will lead to wrong bandwidth and wrong centre
frequency. The group delay of the filter is influenced in the same way. There are two
peaks in group delay behaviour for the matched filter. The peaks in group delay are
located at the pass band edges of the filter. Finally this means that only the higher
frequency peak in group delay is influenced by the external coil. This makes the
adjustment of this coil very easy. Make sure that the distance in frequency of the two
group delay peaks is identical with the distance shown in the delivered plots. (around 340
kHz) The matching of the filter will influence the position of the filter only slightly. The
height of the peaks is influenced mainly.
-
Adjust matching at filter input and filter output
Check VSWR for filter input and output.
-
Carry out the matching for the actual source and load impedance in three steps.
Steps one and two are matching of the filter for input or output to source or load
impedance respectively. The result of the matching of the filter input to the actual source
can be checked via the VSWR at the filter output which is still matched to 50 Ohms and
vice versa.
The third step is the matching of the filter input to the actual source and the filter output to
the actual load.
If you match the filter immediately to your source and load impedance without following the
steps before you will probably find a quite good matching for filter amplitude and group delay
performance. But there is no guarantee that VSWR is as specified. This may increase
insertion loss and the stability of filter parameters in production.
In case of questions please contact us to


Similar Part No. - TFS321_0106

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS321 VECTRON-TFS321 Datasheet
156Kb / 5P
   Filter Specification
More results

Similar Description - TFS321_0106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com