Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2260 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C2260
Description  Typical Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2260 Datasheet(HTML) 5 Page - Vectron International, Inc

  C2260_06 Datasheet HTML 1Page - Vectron International, Inc C2260_06 Datasheet HTML 2Page - Vectron International, Inc C2260_06 Datasheet HTML 3Page - Vectron International, Inc C2260_06 Datasheet HTML 4Page - Vectron International, Inc C2260_06 Datasheet HTML 5Page - Vectron International, Inc C2260_06 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 5 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C2260
TCXO
Typical measurement data
Phase Noise
MTIE according -1244-CORE:
C2260 @12.8MHz
C2260 @12.8MHz
Recommended Reflow Profile


Similar Part No. - C2260_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0009 VECTRON-C2260A1-0009 Datasheet
67Kb / 4P
   C2260A1-0009
C2260A1-0009 VECTRON-C2260A1-0009 Datasheet
340Kb / 5P
   TCXO EFC Standard Low Profile Small Size 100 % RoHS compliant
C2260A1-0009 VECTRON-C2260A1-0009_08 Datasheet
67Kb / 4P
   C2260A1-0009
C2260A1-0015 VECTRON-C2260A1-0015 Datasheet
67Kb / 4P
   Nominal frequency (f0)
C2260A1-0015 VECTRON-C2260A1-0015 Datasheet
340Kb / 5P
   TCXO EFC Standard Low Profile Small Size 100 % RoHS compliant
More results

Similar Description - C2260_06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
logo
Panasonic Semiconductor
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
   TYPICAL APPLICATIONS
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com