Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78621E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC78621E
Description  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78621E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC78621E Datasheet HTML 1Page - Sanyo Semicon Device LC78621E Datasheet HTML 2Page - Sanyo Semicon Device LC78621E Datasheet HTML 3Page - Sanyo Semicon Device LC78621E Datasheet HTML 4Page - Sanyo Semicon Device LC78621E Datasheet HTML 5Page - Sanyo Semicon Device LC78621E Datasheet HTML 6Page - Sanyo Semicon Device LC78621E Datasheet HTML 7Page - Sanyo Semicon Device LC78621E Datasheet HTML 8Page - Sanyo Semicon Device LC78621E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CMOS LSI
Ordering number : EN*5223
83095HA (OT) No. 5223-1/34
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Compact Disc Player DSP
LC78621E
Overview
The LC78621E is a CMOS LSI that implements the signal
processing and servo control required by compact disk
players, laser disks, CD-V, CD-I and related products. The
LC78621E provides several types of signal processing,
including demodulation of the optical pickup EFM signal,
de-interleaving, error detection and correction, and digital
filters that can help reduce the cost of CD player units. It
also processes a rich set of servo system commands sent
from the control microprocessor. It also incorporates an
EFM-PLL circuit and a one-bit D/A converter.
Functions
• Input signal processing: The LC78621E takes an HF
signal as input, digitizes (slices) that signal at a precise
level, converts that signal to an EFM signal, and
generates a PLL clock with an average frequency of
4.3218 MHz by comparing the phases of that signal and
an internal VCO.
• Precise reference clock and necessary internal timing
generation using an external 16.9344 MHz crystal
oscillator
• Disk motor speed control using a frame phase difference
signal generated from the playback clock and the
reference clock
• Frame synchronization signal detection, protection and
interpolation to assure stable data readout
• EFM signal demodulation and conversion to 8-bit
symbol data
• Subcode data separation from the EFM demodulated
signal and output of that data to an external
microprocessor
• Subcode Q signal output to a microprocessor over the
serial I/O interface after performing a CRC error check
• Demodulated EFM signal buffering in internal RAM to
handle up to ±4 frames of disk rotational jitter
• Demodulated EFM signal reordering in the prescribed
order for data unscrambling and de-interleaving
• Error detection, correction, and flag processing (error
correction scheme: dual C1 plus dual C2 correction)
• The LC78620E sets the C2 flags based on the C1 flags
and a C2 check, and then performs signal interpolation
or muting depending on the C2 flags. The interpolation
circuit uses a quadruple interpolation scheme. The
output value converges to the muting level when four or
more consecutive C2 flags occur.
• Support for command input from a control
microprocessor: commands include track jump, focus
start, disk motor start/stop, muting on/off and track
count (8 bit serial input)
• Built-in digital output circuits.
• Arbitrary track counting to support high-speed data
access
• Zero cross muting
• Supports the implementation of a double-speed dubbing
function.
• D/A converter outputs with data continuity improved by
8
× oversampling digital filters. (These filters function as
4
× oversampling filters during double-speed playback.)
• Built-in third-order
∑∆ D/A converters (PWM output)
• Built-in digital attenuator (8 bits – alpha, 239 steps)
• Built-in digital de-emphasis
• Built-in digital level and peak meter functions
• Support for bilingual applications
Features
• 80-pin QIP (miniature, reduced space package)
• Silicon gate CMOS process (for low power)
• 5 V single-voltage power supply (for use in portable
products)
Package Dimensions
unit: mm
3174-QFP80E
SANYO: QIP80E
[LC78621E]


Similar Part No. - LC78621E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Similar Description - LC78621E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com