Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ5234B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZ5234B
Description  SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ5234B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZ5234B Datasheet HTML 1Page - Central Semiconductor Corp CMPZ5234B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPZ5221B THRU CMPZ5267B
SURFACE MOUNT
SILICON ZENER DIODE
350mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX.
TEMP.
COEFF.
MARK.
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
% /°C
CMPZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
C8V
CMPZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
C8W
CMPZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
C8X
CMPZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
C8Y
CMPZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
C8Z
CMPZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
81A
CMPZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
81B
CMPZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
81C
CMPZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
81D
CMPZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
81E
CMPZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
81F
CMPZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
81G
CMPZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
81H
CMPZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
81J
CMPZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
81K
CMPZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
81L
CMPZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
81M
CMPZ5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
81N
CMPZ5263B
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
+0.096
81P
CMPZ5264B
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
+0.097
81Q
CMPZ5265B
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
+0.097
81R
CMPZ5266B
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
+0.097
81S
CMPZ5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
81T
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
www.centr a lsemi.com
R10 (3-February 2010)


Similar Part No. - CMPZ5234B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5234B CENTRAL-CMPZ5234B Datasheet
100Kb / 2P
   350 mW ZENER DIODE 5% TOLERANCE
CMPZ5234B CENTRAL-CMPZ5234B Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMPZ5234B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
   350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com