Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78625 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78625
Description  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78625 Datasheet HTML 1Page - Sanyo Semicon Device LC78625 Datasheet HTML 2Page - Sanyo Semicon Device LC78625 Datasheet HTML 3Page - Sanyo Semicon Device LC78625 Datasheet HTML 4Page - Sanyo Semicon Device LC78625 Datasheet HTML 5Page - Sanyo Semicon Device LC78625 Datasheet HTML 6Page - Sanyo Semicon Device LC78625 Datasheet HTML 7Page - Sanyo Semicon Device LC78625 Datasheet HTML 8Page - Sanyo Semicon Device LC78625 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
No. 5502-5/35
LC78625E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
LCHP, RCHP, LCHN, RCHN;
Total harmonic distortion
THD + N
1 kHz: 0 dB data input, using the 20 kHz
0.008
0.0010
%
low-pass filter (AD725D built in)
LCHP, RCHP, LCHN, RCHN;
Dynamic range
DR
1 kHz: –60 dB data input, using the 20 kHz
84
88
dB
low-pass filter and the A filter (AD725D built in)
LCHP, RCHP, LCHN, RCHN;
Signal-to-noise ratio
S/N
1 kHz: 0 dB data input, using the 20 kHz
98
100
dB
low-pass filter and the A filter (AD725D built in)
LCHP, RCHP, LCHN, RCHN;
Crosstalk
CT
1 kHz: 0 dB data input, using the 20 kHz
96
98
dB
low-pass filter (AD725D built in)
One-Bit D/A Converter Analog Characteristics at Ta = 25°C, VDD = LVDD = RVDD = 5 V, VSS = LVSS = RVSS = 0 V
Figure 1 Command Input
Figure 2 Subcode Q Output
Figure 3 Subcode Output
Note: Measured with the normal-speed playback mode digital attenuator in the Sanyo one-bit D/A converter block reference circuit.


Similar Part No. - LC78625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Similar Description - LC78625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com