Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78626 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78626
Description  DSP for Compact Disk Players
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78626 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78626 Datasheet HTML 1Page - Sanyo Semicon Device LC78626 Datasheet HTML 2Page - Sanyo Semicon Device LC78626 Datasheet HTML 3Page - Sanyo Semicon Device LC78626 Datasheet HTML 4Page - Sanyo Semicon Device LC78626 Datasheet HTML 5Page - Sanyo Semicon Device LC78626 Datasheet HTML 6Page - Sanyo Semicon Device LC78626 Datasheet HTML 7Page - Sanyo Semicon Device LC78626 Datasheet HTML 8Page - Sanyo Semicon Device LC78626 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
No. 5692-5/32
LC78626E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VDD max
VSS–0.3 to VSS+7.0
V
Input voltage
VIN
VSS–0.3 to VDD+0.3
V
Output voltage
VOUT
VSS–0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
400
mW
Operating temperature range
Topr
–20 to +75
°C
Storage temperature range
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD1
VDD, XVDD, LVDD, RVDD, VVDD:
3.0
5.5
V
Power supply voltage
ATT/DF/DAC to the normal speed
VDD2
VDD, XVDD, LVDD, RVDD, VVDD:
3.6
5.5
V
All functions guaranteed to 2
× speed
VIH1
I/O and input pins with the exception of
0.7VDD
VDD
V
Input high level voltage
EFMI and DRAM0 to DRAM3
VIH2
EFMI
0.6VDD
VDD
V
VIH3
DRAM0 to DRAM3
0.45VDD
VDD
V
VIL1
I/O and input pins with the exception of
0
0.3VDD
V
Input low level voltage
EFMI and DRAM0 to DRAM3
VIL2
EFMI
0
0.4VDD
V
VIL2
DRAM0 to DRAM3
0
0.2VDD
V
Data setup time
tSU
COIN, RWC: Figure 1
400
ns
Data hold time
tHD
COIN, RWC: Figure 1
400
ns
High level clock pulse width
tWH
SBCK, CQCK: Figures 1 to 3
400
ns
Low level clock pulse width
tWL
SBCK, CQCK: Figures 1 to 3
400
ns
Data read access time
tRAC
SQOUT, PW: Figures 2 and 3
0
400
ns
Command transfer time
tRWC
RWC: Figure 1
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, no RWC signal
11.2
ms
Subcode ready cycle time
tSC
SFSY: Figure 3
136
µs
Subcode read enable time
tSE
SFSY: Figure 3
400
µs
Port input data setup time
tCSU
CONT2 to CONT5, RWC: Figure 4
400
ns
Port input data hold time
tCHD
CONT2 to CONT5, RWC: Figure 4
400
ns
Port input clock setup time
tRCQ
RWC, CQCK: Figure 4
100
ns
Port output data delay time
tCDD
CONT2 TO CONT5, RWC: Figure 5
1200
ns
Input level
VIN1
EFMI: slice level control, VDD = 3.0 V
0.8
Vp-p
VIN2
XIN: C coupling input
1.0
Vp-p
Range of operating frequencies
fOP
EFMI
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT
16.9344
MHz
Allowable Operating Range at Ta = 25°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Consumption current
IDD
VDD, XVDD, LVDD, RVDD, VVDD:
14
20
mA
VDD = 3.0 to 3.4 V with normal playback
DEFI, EFMI, HFL, TES, RWC, COIN, CQCK,
IIH1
FMT, MR1, RES, TESD, WOK, PAUSE IN,
5
µA
SHOCK, TESCLK, TESA, TESB, TESC,
Input high level current.
TESGB, TEST1: VIN = VDD
IIH2
TAI, TEST2 to TEST5, CS, TESE:
15
55
µA
VIN = VDD = 3.4 V
Electrical Characteristics at Ta = 25°C, VDD = 3.2 V VSS = 0V
Continued on next page.


Similar Part No. - LC78626

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
   CMOS LSI
More results

Similar Description - LC78626

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Rohm
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com