Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH2-20L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH2-20L
Description  SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 2 AMP, 20 AND 40 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH2-20L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH2-20L Datasheet HTML 1Page - Central Semiconductor Corp CMSH2-20L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH2-20L
CMSH2-40L
SURFACE MOUNT
LOW VF
SILICON SCHOTTKY RECTIFIER
2 AMP, 20 AND 40 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH2-20L
Series 2.0 Amp Surface Mount Low VF Schottky
Rectifier is a high quality, well constructed, highly
reliable component designed for use in all types of
commercial, industrial, entertainment, computer,
and automotive applications where high efficiency is
required. To order devices on 12mm Tape and Reel
(3000/13” Reel), add TR13 suffix to part number.
FEATURES:
• Low forward voltage drop
• Flammability classification UL94V-0
• High current capability
• Superior lot to lot consistency
• Low cost
• High reliability
• “C” bend construction provides strain relief when mounted
on pc board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMSH2-20L
CMSH2-40L
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
V
DC Blocking Voltage
VR
20
40
V
RMS Reverse Voltage
VR(RMS)
14
28
V
Average Forward Current (TL=105°C)
IO
2.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.50
mA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=2.0A
0.40
V
CJ
VR=4.0V, f=1.0MHz
150
pF
MARKING CODES: CMSH2-20L: CS220L
CMSH2-40L: CS240L
SMB CASE
R3 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSH2-20L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-20L CENTRAL-CMSH2-20L Datasheet
74Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 AND 40 VOLTS
CMSH2-20L CENTRAL-CMSH2-20L Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CMSH2-20L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML_10 Datasheet
348Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 1 AMP, 20 AND 40 VOLTS
CMSH3-20L CENTRAL-CMSH3-20L_10 Datasheet
345Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 4 AMP, 20 AND 40 VOLTS
CMMSH1-40L CENTRAL-CMMSH1-40L Datasheet
280Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 1 AMP, 40 VOLTS
CMMSH2-40 CENTRAL-CMMSH2-40 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 40 VOLTS
CZSH-4 CENTRAL-CZSH-4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 40 VOLTS
logo
Micro Commercial Compon...
SL24A MCC-SL24A Datasheet
395Kb / 3P
   2 Amp Low VF Schottky Rectifier 40~100 Volts
SK42BL MCC-SK42BL_16 Datasheet
239Kb / 3P
   4 Amp Low VF Schottky Rectifier 20 to 40 Volts
MBR0520L MCC-MBR0520L_17 Datasheet
210Kb / 3P
   0.5 Amp Low VF Schottky Rectifier 20 to 40 Volts
SL24PL MCC-SL24PL_16 Datasheet
360Kb / 3P
   2 Amp Low VF Schottky Rectifier 40 to 100 Volts
logo
Central Semiconductor C...
CSHD5-25L CENTRAL-CSHD5-25L_10 Datasheet
422Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 5 AMP, 25 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com