Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24272 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24272
Description  Rambus XDR??Clock Generator with Zero SDA Hold Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24272 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24272_11 Datasheet HTML 1Page - Cypress Semiconductor CY24272_11 Datasheet HTML 2Page - Cypress Semiconductor CY24272_11 Datasheet HTML 3Page - Cypress Semiconductor CY24272_11 Datasheet HTML 4Page - Cypress Semiconductor CY24272_11 Datasheet HTML 5Page - Cypress Semiconductor CY24272_11 Datasheet HTML 6Page - Cypress Semiconductor CY24272_11 Datasheet HTML 7Page - Cypress Semiconductor CY24272_11 Datasheet HTML 8Page - Cypress Semiconductor CY24272_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CY24272
RambusXDR™ Clock Generator with
Zero SDA Hold Time
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-42414 Rev. *A
Revised February 17, 2011
Rambus‚ XDR™ Clock Generator with Zero SDA Hold Time
Features
Meets RambusExtended Data Rate (XDR™) clocking
requirements
25 ps typical cycle-to-cycle jitter
–135 dBc/Hz typical phase noise at 20 MHz offset
100 or 133 MHz differential clock input
300–667 MHz high speed clock support
Quad (open drain) differential output drivers
Supports frequency multipliers: 3, 4, 5, 6, 9/2 and 15/4
Spread Aware™
2.5 V operation
28-pin TSSOP package
Table 1. Device Comparison
CY24271
CY24272
SDA hold time = 300 ns
(SMBus compliant)
SDA hold time = 0 ns
(I2C compliant)
RRC = 200  typical
(Rambus standard drive)
RRC = 295  minimum
(Reduced output drive)
CLK0
CLK0B
CLK1
CLK1B
CLK2
CLK2B
CLK3
CLK3B
REFCLK,REFCLKB
SCL
SDA
ID0
ID1
EN
RegA
EN
RegB
EN
RegC
EN
RegD
PLL
Bypass
MUX
/BYPASS
EN
Logic Block Diagram
[+] Feedback


Similar Part No. - CY24272_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272ZXC CYPRESS-CY24272ZXC Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
CY24272ZXCT CYPRESS-CY24272ZXCT Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
More results

Similar Description - CY24272_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com