Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX-170 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # DX-170
Description  Oven Controlled Crystal Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DX-170 Datasheet(HTML) 1 Page - Vectron International, Inc

  DX-170 Datasheet HTML 1Page - Vectron International, Inc DX-170 Datasheet HTML 2Page - Vectron International, Inc DX-170 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DX-170
Oven Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Ultra-High stability
Excellent temperature stability
SC-Cut crystal
Previous Model: C4605
Frequency Range: 5 MHZ to 20 MHZ
CDMA2000 and UMTS base stations
Test and Measurement equipment
Features
Applications
DX-170
Frequency Stabilities1 (SC-Cut Crystal)
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-0.4
-0.2
-0.4
+0.4
+0.2
+0.4
ppb
ppb
ppb
0 to +70°C
0 to +70°C
-20 to +70°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 1 day
vs. aging / 1 day
vs. aging / 1 year
-100
-0.2
-0.2
-0.5
-0.2
-25
+100
+0.2
+0.2
+0.5
+0.2
+25
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
V
S ±5%
Load ±5%
after 72 hours of operation
after 7 days of operation
after 7 days of operation
Warm-up time
5
minutes
to ±10ppb of nal frequency
(1 hour reading) @ +25°C
Supply Voltage (Vs)
Supply voltage
11.4
12.0
12.6
VDC
Supply voltage
4.75
5.0
5.25
VDC
Power Consumption
9
Watts
during warm-up
3
Watts
steady state @ +25°C
Performance Speci cations


Similar Part No. - DX-170

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
DX-170 VECTRON-DX-170 Datasheet
217Kb / 4P
   Oven Controlled Crystal Oscillator
DX-170 VECTRON-DX-170 Datasheet
394Kb / 3P
   Oven Controlled Crystal Oscillator
DX-170 VECTRON-DX-170_12 Datasheet
394Kb / 3P
   Oven Controlled Crystal Oscillator
More results

Similar Description - DX-170

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com