Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78632RE Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78632RE
Description  Compact Disk Player DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78632RE Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78632RE Datasheet HTML 1Page - Sanyo Semicon Device LC78632RE Datasheet HTML 2Page - Sanyo Semicon Device LC78632RE Datasheet HTML 3Page - Sanyo Semicon Device LC78632RE Datasheet HTML 4Page - Sanyo Semicon Device LC78632RE Datasheet HTML 5Page - Sanyo Semicon Device LC78632RE Datasheet HTML 6Page - Sanyo Semicon Device LC78632RE Datasheet HTML 7Page - Sanyo Semicon Device LC78632RE Datasheet HTML 8Page - Sanyo Semicon Device LC78632RE Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
D/A Converter Analog Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V
Note: Measured in normal-speed playback mode in a Sanyo 1-bit D/A converter block reference circuit, with the digital attenuator set to EE (hexadecimal).
Figure 1 Command Input
Figure 2 Subcode Q Output
Figure 3 Subcode Output
No. 5826-5/9
LC78632RE
Parameter
Symbol
Conditions
min
typ
max
Unit
Total harmonic distortion
THD + N
LCHP, LCHN, RCHP, RCHN; 1 kHz: 0 dB input,
0.006
%
using a 20-kHz low-pass filter (AD725D built in)
Dynamic range
DR
LCHP, LCHN, RCHP, RCHN; 1 kHz: –60 dB input, using
90
dB
the 20-kHz low-pass filter (A filter (AD725D built in))
Signal-to-noise ratio
S/N
LCHP, LCHN, RCHP, RCHN; 1 kHz: 0 dB input, using
98
100
dB
the 20-kHz low-pass filter (A filter (AD725D built in))
Crosstalk
CT
LCHP, LCHN, RCHP, RCHN; 1 kHz: 0 dB input,
96
98
dB
using a 20-kHz low-pass filter (AD725D built in)


Similar Part No. - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78630 SANYO-LC78630 Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
More results

Similar Description - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com