Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1703 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1703
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1703_11 Datasheet HTML 2Page - Microchip Technology MCP1703_11 Datasheet HTML 3Page - Microchip Technology MCP1703_11 Datasheet HTML 4Page - Microchip Technology MCP1703_11 Datasheet HTML 5Page - Microchip Technology MCP1703_11 Datasheet HTML 6Page - Microchip Technology MCP1703_11 Datasheet HTML 7Page - Microchip Technology MCP1703_11 Datasheet HTML 8Page - Microchip Technology MCP1703_11 Datasheet HTML 9Page - Microchip Technology MCP1703_11 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP1703
DS22049F-page 6
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
FIGURE 2-7:
Output Voltage vs. Input
Voltage.
FIGURE 2-8:
Output Voltage vs. Input
Voltage.
FIGURE 2-9:
Output Voltage vs. Input
Voltage.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Output Voltage vs. Load
Current.
FIGURE 2-12:
Output Voltage vs. Load
Current.
1.180
1.190
1.200
1.210
1.220
1.230
1.240
2
4
6
8
10
12
14
16
18
Input Voltage (V)
VOUT = 1.2V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2468
10
12
14
16
18
Input Voltage (V)
VOUT = 2.5V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
4.88
4.92
4.96
5.00
5.04
5.08
5.12
5.16
6
8
10
12
14
16
18
Input Voltage (V)
VOUT = 5.0V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
1.18
1.19
1.20
1.21
1.22
1.23
1.24
0
20
40
60
80 100 120 140 160 180 200
Load Current (mA)
VIN = 3.0V
VOUT = 1.2V
+25°C
+130°C
-45°C
0°C
+90°C
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
0
50
100
150
200
250
Load Current (mA)
VIN = 3.5V
VOUT = 2.5V
+25°C
+130°C
-45°C
0°C
+90°C
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
0
50
100
150
200
250
Load Current (mA)
VIN = 6V
VOUT = 5.0V
+25°C
+130°C
-45°C
0°C
+90°C


Similar Part No. - MCP1703_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703-1202E/CD MICROCHIP-MCP1703-1202E/CD Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
MCP1703-1202E/DB MICROCHIP-MCP1703-1202E/DB Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
MCP1703-1202E/MB MICROCHIP-MCP1703-1202E/MB Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
MCP1703-1502E/CD MICROCHIP-MCP1703-1502E/CD Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
MCP1703-1502E/DB MICROCHIP-MCP1703-1502E/DB Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
More results

Similar Description - MCP1703_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703A MICROCHIP-MCP1703A Datasheet
3Mb / 30P
   250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
   250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com