Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-424DPC-A1G Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-424DPC-A1G
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-424DPC-A1G Datasheet(HTML) 8 Page - Vectron International, Inc

  FX-424DPC-A1G Datasheet HTML 1Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 2Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 3Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 4Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 5Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 6Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 7Page - Vectron International, Inc FX-424DPC-A1G Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 8 of 8
Table 8. Standard Frequencies
8.00 kHz
C
26.00 MHz
T
622.08 MHz
8
16.00 kHz
D
27.00 MHz
W
666.5143 MHz
9
64.00 kHz
E
38.88 MHz
X
1.024 MHz
F
44.736 MHz
Y
1.544 MHz
H
51.84 MHz
0
2.048 MHz
J
614.44 MHz
1
4.096 MHz
K
77.76 MHz
2
8.192 MHz
L
82.944 MHz
3
13.000 MHz
M
112.00 MHz
4
16.384 MHz
N
139.264 MHz
5
19.440 MHz
P
155.520 MHz
6
20.480 MHz
R
166.6286 MHz
7
Special SCD
S
Ordering Information
F X - 4 2 4 - X X X - X X X X X
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 8/2008
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
Power Supply
D: 3.3 Vdc
Output
A: LVCMOS
F: LVPECL
P: LVDS
Temperature Range
C: 0 to 700C
F: -40 to 850C
Input Logic
A: LVCMOS
D: LVPECL
RoHs Compliant
G: Yes
Blank: Mat contain Pb
Input Frequency 1, 2
(See Table)
1. For non-listed frequencies and/or multiple input frequencies a unique part number will be assigned with the following format FX-424-XXX-SNNNN.
“SNNNN” is the SCD number.
2. To request initial samplesfor an FX-424 with more than one input frequency, please use the following format FX-424-XXX-XNSX followed by the input
frequencies. For example, to request samples for a translator with and operating temperature of -40 to +85°C, input frequencies of 8 kHz, 1.544 MHz,
19.44 MHz, 77.76 MHz and an output frequency of 622.08 MHz, the part number would be FX-424-DFF-A4S8, S = 8 kHz, 1.544 MHz, 19.44 MHz, 77.76
MHz.
Ouptut Frequency 1
(See Table)
Number of Input Frequencies 2
1: 1 input frequency
2: 2 input frequencies
3: 3 input frequencies
4: 4 input frequencies


Similar Part No. - FX-424DPC-A1G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424-DAC-A1C1 VECTRON-FX-424-DAC-A1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A2C1 VECTRON-FX-424-DAC-A2C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-D1C1 VECTRON-FX-424-DAC-D1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-424DPC-A1G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com