Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-702 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-702
Description  Low Jitter VCSO Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-702 Datasheet(HTML) 8 Page - Vectron International, Inc

  FX-702_10 Datasheet HTML 1Page - Vectron International, Inc FX-702_10 Datasheet HTML 2Page - Vectron International, Inc FX-702_10 Datasheet HTML 3Page - Vectron International, Inc FX-702_10 Datasheet HTML 4Page - Vectron International, Inc FX-702_10 Datasheet HTML 5Page - Vectron International, Inc FX-702_10 Datasheet HTML 6Page - Vectron International, Inc FX-702_10 Datasheet HTML 7Page - Vectron International, Inc FX-702_10 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8 of 8
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 06Oct2010
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
For Additional Information, Please Contact
Revision History
Date
Approved
Description
06Oct2010
BW
Updated frequency code table.
01Jun2010
BW
Added ±20ppm APR ordering option.
12Mar2010
BW
Added the “LN”frequency code to Table 8.
09Nov2009
BW
Added divide-by-8 to output divider. Minimum output frequency reduced from 125 MHz to 62.5 MHz.
Input frequency reduced form 19.44 MHz to 1 MHz. LVPECL levels clarified.
03Apr2009
BW
Release.


Similar Part No. - FX-702_10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-ECE-HLM VECTRON-FX-702-ECE-HLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702-ECE-HMM VECTRON-FX-702-ECE-HMM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702-ECE-KLM VECTRON-FX-702-ECE-KLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702-ECE-KMM VECTRON-FX-702-ECE-KMM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702-ECE-SLM VECTRON-FX-702-ECE-SLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
More results

Similar Description - FX-702_10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-ECE-HLM VECTRON-FX-702-ECE-HLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
   Ultra-Low Jitter High Frequency VCSO
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com