Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMXDM7002A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXDM7002A
Description  SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXDM7002A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXDM7002A_10 Datasheet HTML 1Page - Central Semiconductor Corp CMXDM7002A_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXDM7002A
SURFACE MOUNT
DUAL N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXDM7002A
is special dual version of the 2N7002 Enhancement-
mode N-Channel Field Effect Transistor, manufactured
by the N-Channel DMOS Process, and designed for
high speed pulsed amplifier and driver applications.
This special Dual Transistor device offers low rDS(ON)
and low VDS(ON).
MARKING CODE: X02A
SOT-26 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
60
V
Drain-Gate Voltage
VDG
60
V
Gate-Source Voltage
VGS
40
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR VGS=20V, VDS=0
100
nA
IDSS
VDS=60V, VGS=0
1.0
μA
IDSS
VDS=60V, VGS=0, TJ=125°C
500
μA
ID(ON)
VGS=10V, VDS=10V
500
mA
BVDSS
VGS=0, ID=10μA
60
V
VGS(th)
VDS=VGS, ID=250μA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.0
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
VSD
VGS=0, IS=400mA
1.2
V
rDS(ON)
VGS=10V, ID=500mA
2.0
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
3.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TJ=125°C
5.0
Ω
gFS
VDS=10V, ID=200mA
80
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
ton, toff
VDD=30V, VGS=10V, ID=200mA,
RG=25Ω, RL=150Ω
20
ns
R2 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CMXDM7002A_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXDM7002A CENTRAL-CMXDM7002A_15 Datasheet
709Kb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMXDM7002A_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7002A CENTRAL-CMLDM7002A_15 Datasheet
963Kb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
592Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7003 CENTRAL-CMLDM7003_15 Datasheet
730Kb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
592Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7003T-M563D CENTRAL-CTLDM7003T-M563D Datasheet
641Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMRDM3590 CENTRAL-CMRDM3590_10 Datasheet
422Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D_15 Datasheet
475Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT- SILICON MOSFETS
CMKDM8005 CENTRAL-CMKDM8005 Datasheet
488Kb / 2P
   SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM8002A CENTRAL-CMLDM8002A_15 Datasheet
995Kb / 4P
   SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com