Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137FV30LL-45ZSXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62137FV30LL-45ZSXI
Description  2-Mbit (128K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV30LL-45ZSXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62137FV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 11Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 12Page - Cypress Semiconductor CY62137FV30LL-45ZSXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY62137FV30 MoBL®
Document Number: 001-07141 Rev. *I
Page 9 of 16
Figure 7. Write Cycle 1: WE Controlled [25, 26, 27]
Figure 8. Write Cycle 2: CE Controlled [25, 26, 27]
Switching Waveforms (continued)
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
tHZOE
DATAIN
NOTE 28
tBW
tSCE
DATA I/O
ADDRESS
CE
WE
OE
BHE/BLE
tHD
tSD
tPWE
tHA
tAW
tSCE
tWC
tHZOE
DATAIN
tBW
tSA
CE
ADDRESS
WE
DATA I/O
OE
BHE/BLE
NOTE 28
Notes
25. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals are ACTIVE to initiate a write and any of these
signals terminate a write by going INACTIVE. The data input setup and hold timing are referenced to the edge of the signal that terminates the write.
26. Data I/O is high impedance if OE = VIH.
27. If CE goes HIGH simultaneously with WE = VIH, the output remains in a high impedance state.
28. During this period, the I/Os are in output state. Do not apply input signals.
[+] Feedback


Similar Part No. - CY62137FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30LL-45ZSXI CYPRESS-CY62137FV30LL-45ZSXI Datasheet
511Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45ZSXI CYPRESS-CY62137FV30LL-45ZSXI Datasheet
353Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45ZSXI CYPRESS-CY62137FV30LL-45ZSXI Datasheet
376Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-45ZSXI CYPRESS-CY62137FV30LL-45ZSXI Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62137FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com