Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138EV30 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62138EV30
Description  2 Mbit (256K x 8) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138EV30 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62138EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 9Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 10Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY62138EV30 MoBL®
Document #: 38-05577 Rev. *C
Page 7 of 12
Figure 3. Read Cycle No. 2: OE Controlled [19, 20]
Figure 4. Write Cycle No. 1: WE Controlled [21, 23]
Switching Waveforms (continued)
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
ADDRESS
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
DATA I/O
ADDRESS
CE
WE
OE
tHZOE
DATAIN VALID
NOTE 22
tSCE
Notes
19. WE is HIGH for read cycle.
20. Address valid prior to or coincident with CE transition LOW.
21. Data I/O is high impedance if OE = VIH.
22. During this period, the I/Os are in output state and input signals should not be applied.
23. If CE goes HIGH simultaneously with WE HIGH, the output remains in high impedance state.
[+] Feedback


Similar Part No. - CY62138EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
486Kb / 9P
   2-Mbit (256K x 8) MoBL짰 Static RAM
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
486Kb / 9P
   2-Mbit (256K x 8) MoBL짰 Static RAM
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results

Similar Description - CY62138EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com