Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138EV30LL Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62138EV30LL
Description  2 Mbit (256K x 8) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138EV30LL Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62138EV30LL Datasheet HTML 1Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 2Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 3Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62138EV30LL Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62138EV30 MoBL®
Document #: 38-05577 Rev. *C
Page 2 of 12
Contents
Pin Configuration .............................................................. 3
Product Portfolio .............................................................. 3
Maximum Ratings ............................................................. 4
Electrical Characteristics4..................................................
Capacitance ...................................................................... 5
Thermal Resistance .......................................................... 5
Data Retention Characteristics ....................................... 5
Data Retention Waveform ................................................ 5
Switching Characteristics ................................................ 6
Switching Waveforms ...................................................... 6
Ordering Information ........................................................ 9
Ordering Code Definition ............................................. 9
Package Diagram ............................................................ 10
Acronyms ........................................................................ 10
Document Conventions ................................................. 10
Units of Measure ....................................................... 10
Document History Page ................................................. 11
Sales, Solutions, and Legal Information ...................... 12
Worldwide Sales and Design Support ....................... 12
Products .................................................................... 12
PSoC Solutions ......................................................... 12
[+] Feedback


Similar Part No. - CY62138EV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
486Kb / 9P
   2-Mbit (256K x 8) MoBL짰 Static RAM
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results

Similar Description - CY62138EV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com