Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138FV30 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62138FV30
Description  2-Mbit (256K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62138FV30 Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 9Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 10Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 11Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 12Page - Cypress Semiconductor CY62138FV30 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY62138FV30 MoBL®
Document #: 001-08029 Rev. *I
Page 9 of 16
Ordering Code Definition
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62138FV30LL-45BVXI
51-85149
36-ball VFBGA (Pb-free)
Industrial
CY62138FV30LL-45ZSXI
51-85095
32-pin TSOP II (Pb-free)
CY62138FV30LL-45ZAXI
51-85094
32-pin STSOP (Pb-free)
CY62138FV30LL-45ZXI
51-85056
32-pin TSOP I (Pb-free)
CY62138FV30LL-45SXI
51-85081
32-pin SOIC (Pb-free)
CY62138FV30LL-45ZAXA
51-85094
32-pin STSOP (Pb-free)
Automotive-A
CY
621
3
8F
V30
LL
45
XXX
X
Coimpany ID: CY = Cypress
MoBL SRAM Family
Density = 2 Mbit
Bus Width = x8
F = 90nm Technology
Voltage Range = 3 V typical
Low Power
Speed Grade
Package Type BVX: VFBGA (Pb-free)
ZSX: TSOP II (Pb-free)
ZAX: STSOP (Pb-free)
ZX : TSOP I (Pb-free)
SX : SOIC (Pb-free)
Temperature Grades
I = Industrial, A = Auto A
[+] Feedback


Similar Part No. - CY62138FV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com