Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138FV30LL-45ZAXA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62138FV30LL-45ZAXA
Description  2-Mbit (256K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL-45ZAXA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62138FV30LL-45ZAXA Datasheet HTML 2Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 3Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 9Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY62138FV30 MoBL®
Document #: 001-08029 Rev. *I
Page 6 of 16
Switching Characteristics (Over the Operating Range)
Parameter[15]
Description
45 ns (Ind’l/Auto-A)
Unit
Min
Max
Read Cycle
tRC
Read cycle time
45
ns
tAA
Address to data valid
45
ns
tOHA
Data hold from address change
10
ns
tACE
CE1 LOW and CE2 HIGH to data valid
–45
ns
tDOE
OE LOW to data valid
–22
ns
tLZOE
OE LOW to Low-Z [16]
5–
ns
tHZOE
OE HIGH to High-Z [16,17]
–18
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z
[16]
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High-Z
[16,17]
–18
ns
tPU
CE1 LOW and CE2 HIGH to Power-up
0–
ns
tPD
CE1 HIGH or CE2 LOW to Power-down
–45
ns
Write Cycle [18]
tWC
Write cycle time
45
ns
tSCE
CE1 LOW and CE2 HIGH to write end
35
ns
tAW
Address setup to write end
35
ns
tHA
Address hold from write end
0–
ns
tSA
Address setup to Write Start
0
ns
tPWE
WE pulse Width
35
ns
tSD
Data setup to write end
25
ns
tHD
Data hold from write end
0–
ns
tHZWE
WE LOW to High-Z [16,17]
–18
ns
tLZWE
WE HIGH to Low-Z [16]
10
ns
Notes
15. Test conditions for all parameters other than tristate parameters assume signal transition time of 3 ns or less (1 V/ns), timing reference levels of VCC(typ)/2, input
pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the AC Test Loads and Waveforms on page 5.
16. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
17. tHZOE, tHZCE, and tHZWE transitions are measured when the output enters a high impedance state.
18. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. Reference the data input setup and hold timing to the edge of the signal that terminates the write.
[+] Feedback


Similar Part No. - CY62138FV30LL-45ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45ZAXA CYPRESS-CY62138FV30LL-45ZAXA Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FV30LL-45ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com