Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ5371B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMZ5371B
Description  SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5371B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMZ5371B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5371B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMZ5342B THRU CMZ5388B
SURFACE MOUNT
HIGH POWER SILICON ZENER DIODE
10 WATT, 6.8 THRU 200 VOLTS
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMZ5342B
Series Silicon Zener Diode is a high quality voltage
regulator, manufactured in an epoxy molded surface
mount package, and designed for use in industrial,
commercial, entertainment and computer applications.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
SMC CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
SURGE
CURRENT
(Note 1)
MAXIMUM
VOLTAGE
REGULATION
(Note 2)
MAXIMUM
REGULATOR
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK IR @ VR
ir
V
Z
IZM
VV
V
mA
Ω
Ω
mA
μA
V
A
V
mA
CMZ5342B
6.460
6.8
7.140
175
1.0
200
1.0
100
5.2
11.5
0.15
700
C5342B
CMZ5343B
7.125
7.5
7.875
175
1.5
200
1.0
100
5.7
10.7
0.15
630
C5343B
CMZ5344B
7.790
8.2
8.610
150
1.5
200
1.0
100
6.2
10.0
0.20
580
C5344B
CMZ5345B
8.265
8.7
9.135
150
2.0
200
1.0
100
6.6
7.5
0.20
545
C5345B
CMZ5346B
8.645
9.1
9.555
150
2.0
150
1.0
7.5
6.9
9.2
0.22
520
C5346B
CMZ5347B
9.500
10
10.50
125
2.0
125
1.0
5.0
7.6
8.6
0.22
475
C5347B
CMZ5348B
10.45
11
11.55
125
2.5
125
1.0
5.0
8.4
8.0
0.25
430
C5348B
CMZ5349B
11.40
12
12.60
100
2.5
125
1.0
2.0
9.1
7.5
0.25
395
C5349B
CMZ5350B
12.35
13
13.65
100
2.5
100
1.0
1.0
9.9
7.0
0.25
365
C5350B
CMZ5351B
13.30
14
14.70
100
2.5
75
1.0
1.0
10.6
6.7
0.25
340
C5351B
CMZ5352B
14.25
15
15.75
75
2.5
75
1.0
1.0
11.5
6.3
0.25
315
C5352B
CMZ5353B
15.20
16
16.80
75
2.5
75
1.0
1.0
12.2
6.0
0.30
295
C5353B
CMZ5354B
16.15
17
17.85
70
2.5
75
1.0
0.5
12.9
5.8
0.35
280
C5354B
CMZ5355B
17.10
18
18.90
65
2.5
75
1.0
0.5
13.7
5.5
0.40
264
C5355B
CMZ5356B
18.05
19
19.95
65
3.0
75
1.0
0.5
14.4
5.3
0.40
250
C5356B
CMZ5357B
19.00
20
21.00
65
3.0
75
1.0
0.5
15.2
5.1
0.40
237
C5357B
CMZ5358B
20.90
22
23.10
50
3.5
75
1.0
0.5
16.7
4.7
0.45
216
C5358B
CMZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
C5359B
CMZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190
C5360B
CMZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
C5361B
CMZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
C5362B
CMZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
C5363B
CMZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
C5364B
CMZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
C5365B
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation (TL=100°C)
PD
10
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJL
10
°C/W
Thermal Resistance
ΘJA
87.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) VF=1.2V MAX @ IF=1.0A (for all types)
R8 (8-March 2010)
www.centr a lsemi.com


Similar Part No. - CMZ5371B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5371B CENTRAL-CMZ5371B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5371B CENTRAL-CMZ5371B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMZ5371B CENTRAL-CMZ5371B Datasheet
790Kb / 4P
   SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
More results

Similar Description - CMZ5371B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
logo
Micro Commercial Compon...
SMBJ5347BHE3 MCC-SMBJ5347BHE3 Datasheet
357Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 10 to 200 Volts
logo
Central Semiconductor C...
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099_10 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com