Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78835K Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC78835K
Description  18 Bits Digital Filter and D/A Converter for Digital Audio
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78835K Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC78835K Datasheet HTML 1Page - Sanyo Semicon Device LC78835K Datasheet HTML 2Page - Sanyo Semicon Device LC78835K Datasheet HTML 3Page - Sanyo Semicon Device LC78835K Datasheet HTML 4Page - Sanyo Semicon Device LC78835K Datasheet HTML 5Page - Sanyo Semicon Device LC78835K Datasheet HTML 6Page - Sanyo Semicon Device LC78835K Datasheet HTML 7Page - Sanyo Semicon Device LC78835K Datasheet HTML 8Page - Sanyo Semicon Device LC78835K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (2)
at Ta = 25°C, AVDD = DVDD = VrefH 3.5 V, AGND = DGND = VrefH = 0 V, unless otherwise specified
Note: 1. “0 dB” signifies full scale.
2. XIN pulse width (pin 11) 1.0 to 2.5 V, fx = 16.9344 MHz
Test circuit: Based on application circuit
Block Diagram
Pin Assignment
No. 4624-4/14
LC78835K, 78835KM
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
D/A converter resolution
RES
18
Bits
Total harmonic distortion
THD
At 1 kHz, 0dB*1
0.09
%
Dynamic range
DR
At 1 kHz, –60 dB
90
dB
Crosstalk
CT
At 1 kHz, 0 dB
–85
dB
Signal-to-noise ratio
S/N
JIS-A
96
dB
Full-scale output voltage
VFS
2.1
VP-P
Power dissipation
Pd
*2
50
75
mW
Output load resistance
RL
21, 23 pin
15
k


Similar Part No. - LC78835K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833 SANYO-LC78833 Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833V SANYO-LC78833V Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
More results

Similar Description - LC78835K

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Panasonic Semiconductor
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
   D/A Converter for Digital Audio Equipment
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com