Only One Name Means ProTek’Tion™
www.protekdevices.com
05126.R13 1/11
Page 1
GBLC03 - GBLC24C
uLtRa LOW CaPaCItaNCE tVS aRRaY
DESCRIPtION
The GBLCxx and GBLCxxC Series are ultra low capacitance transient voltage suppressor arrays, designed to protect
applications such as portable electronics and SMART phones. This series is available in both unidirectional and bidi-
rectional configurations and is rated at 350 Watts for an 8/20µs waveshape.
The GBLCxx and GBLCxxC Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operat-
ing frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This series offers a ultra
low capacitance and low leakage current in a miniature SOD-323 package.
FEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• 350 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configuration
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChaNICaL ChaRaCtERIStICS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLICatIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface
SOD-323 PaCkaGE
PIN CONFIGuRatIONS
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL