Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLC24 Datasheet(PDF) 4 Page - Protek Devices

Part # GBLC24
Description  ultra LOW CAPACITA NCE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC24 Datasheet(HTML) 4 Page - Protek Devices

  GBLC24 Datasheet HTML 1Page - Protek Devices GBLC24 Datasheet HTML 2Page - Protek Devices GBLC24 Datasheet HTML 3Page - Protek Devices GBLC24 Datasheet HTML 4Page - Protek Devices GBLC24 Datasheet HTML 5Page - Protek Devices GBLC24 Datasheet HTML 6Page - Protek Devices GBLC24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05126.R13 1/11
Page 4
GBLC03 - GBLC24C
SPICE MODEL
FIGuRE 1
SPICE MODEL
taBLE 1 - SPICE PaRaMEtERS
PaRaMEtER
uNIt
aBD(tVS)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
6
I
S
A
See Table 2
1E-11
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.75
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
taBLE 2 - aBD SPECIFIC SPICE PaRaMEtERS
PaRt NuMBER
B
V(VOLtS)
C
jo(pF)
I
S (aMPS)
R
s(OhMS)
GBLC05
6.0
230
1E-11
0.014
GBLC05C
6.0
230
1E-11
0.014
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.6nH
UNIDIRECTIONAL
BIDIRECTIONAL
LCRD
LCRD
I/O
ABD
Lg
0.6nH
LCRD
LCRD
I/O
ABD


Similar Part No. - GBLC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC24 PROTEC-GBLC24 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC24 PROTEC-GBLC24 Datasheet
71Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC24 PROTEC-GBLC24 Datasheet
603Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24 ETC2-GBLC24 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC24 PROTEC-GBLC24 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - GBLC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
   ULTRA LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
   Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
   ULTRA LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD05CL BWTECH-ESD05CL Datasheet
971Kb / 3P
   Ultra LOW CAPACITA NCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com