Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62148ELL-55SXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62148ELL-55SXI
Description  4-Mbit (512 K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-55SXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62148ELL-55SXI Datasheet HTML 2Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 9Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY62148E MoBL®
Document #: 38-05442 Rev. *H
Page 6 of 14
Figure 3. Data Retention Waveform
Switching Characteristics
Over the operating range
Parameter [14]
Description
45 ns
55 ns[15]
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
45
55
ns
tAA
Address to data valid
45
55
ns
tOHA
Data hold from address change
10
10
ns
tACE
CE LOW to data valid
–45
55
ns
tDOE
OE LOW to data valid
–22
25
ns
tLZOE
OE LOW to low Z [16]
5–
5
ns
tHZOE
OE HIGH to high Z [16, 17]
–18
20
ns
tLZCE
CE LOW to low Z [16]
10
10
ns
tHZCE
CE HIGH to high Z [16, 17]
–18
20
ns
tPU
CE LOW to power-up
00
ns
tPD
CE HIGH to power-down
–45
55
ns
Write Cycle[18]
tWC
Write cycle time
45
55
ns
tSCE
CE LOW to write end
35
40
ns
tAW
Address setup to write end
35
40
ns
tHA
Address hold from write end
0
0
ns
tSA
Address setup to write start
0
0
ns
tPWE
WE pulse width
35
40
ns
tSD
Data setup to write end
25
25
ns
tHD
Data hold from write end
0
0
ns
tHZWE
WE LOW to high Z [16, 17]
–18
20
ns
tLZWE
WE HIGH to low Z [16]
10
10
ns
VCC(min)
VCC(min)
tCDR
VDR > 2.0 V
DATA RETENTION MODE
tR
VCC
CE
Notes
14. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels
of 0 to 3 V, and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” on page 5.
15. SOIC package is available only in 55 ns speed bin.
16. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
17. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
18. The internal wre.ite time of the memory is defined by the overlap of WE, CE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can
terminate a write by going INACTIVE. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write.
[+] Feedback


Similar Part No. - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
942Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
943Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
More results

Similar Description - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com