Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62148ELL-55SXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62148ELL-55SXA
Description  4-Mbit (512 K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-55SXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62148ELL-55SXA Datasheet HTML 1Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 2Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 3Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 4Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 5Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 6Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY62148E MoBL®
Document #: 38-05442 Rev. *H
Page 5 of 14
Capacitance
Parameter[10]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz,
VCC = VCC(Typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [10]
Description
Test Conditions
SOIC
Package
TSOP II
Package
Unit
Θ
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
75
77
°C/W
Θ
JC
Thermal resistance
(junction to case)
10
13
°C/W
Figure 2. AC Test Loads and Waveforms
Parameter [10]
5.0 V
Unit
R1
1800
Ω
R2
990
Ω
RTH
639
Ω
VTH
1.77
V
Data Retention Characteristics
Over the operating range
Parameter
Description
Conditions
Min
Typ[11]
Max
Unit
VDR
VCC for data retention
2
V
ICCDR
[12]
Data retention current
VCC= VDR, CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
Industrial/
Automotive-A
–1
7
µA
tCDR
Chip deselect to data retention time
0
ns
tR
[13]
Operation recovery time
TSOP II
45
ns
SOIC
55
ns
Notes
10. Tested initially and after any design or process changes that may affect these parameters.
11. Typical values are included for reference and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
12. Chip enable (CE) must be HIGH at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
13. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
3.0 V
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN
EQUIVALENT
ALL INPUT PULSES
RTH
R1
[+] Feedback


Similar Part No. - CY62148ELL-55SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
942Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
943Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
More results

Similar Description - CY62148ELL-55SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com