Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157DV30LL-55BVI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62157DV30LL-55BVI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30LL-55BVI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62157DV30LL-55BVI Datasheet HTML 1Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY62157DV30 MoBL®
Document #: 38-05392 Rev. *J
Page 3 of 15
Notes
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C.
2. NC pins are not internally connected on the die.
3. DNU pins have to be left floating.
4. The 44-TSOPII package device has only one chip enable pin (CE).
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby ISB2,
(
A)
f = 1MHz
f = fmax
Min
Typ[1]
Max
Typ[1]
Max
Typ[1]
Max
Typ[1]
Max
CY62157DV30LL Industrial
2.2
3.0
3.6
55, 70
1.5
3
12
15
2
8
Pin Configuration[2, 3, 4]
48-Ball FBGA Pinout
44-pin TSOP II Pinout
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A18
A17
A16
A15
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A9
A10
A11
A12
A14
A13
A8
Top View
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A
12
NC
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
DNU
Vcc
Top View
[+] Feedback


Similar Part No. - CY62157DV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30LL-55BVI CYPRESS-CY62157DV30LL-55BVI Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30LL-55BVI CYPRESS-CY62157DV30LL-55BVI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30LL-55BVI CYPRESS-CY62157DV30LL-55BVI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
More results

Similar Description - CY62157DV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com