Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62167EV30LL-45BVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62167EV30LL-45BVXI
Description  16-Mbit (1M x 16 / 2M x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV30LL-45BVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62167EV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY62167EV30 MoBL®
Document #: 38-05446 Rev. *I
Page 3 of 16
Pin Configuration
Figure 1. 48-Ball VFBGA (6 x 8 x 1mm) Top View [1, 2]
Figure 2. 48-Pin TSOP I Top View [2, 3]
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2
(
μA)
f = 1 MHz
f = fmax
Min
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
CY62167EV30LL
Industrial/Auto-A
2.2
3.0
3.6
45
2.2
4.0
25
30
1.5
12
WE
A11
A10
A6
A0
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
A19
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE
CE2
NC
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
I/O15/A20
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
Vcc
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
Vss
CE1
A0
Notes
1. Ball H6 for the VFBGA package can be used to upgrade to a 32M density.
2. NC pins are not connected on the die.
3. The BYTE pin in the 48-pin TSOPI package has to be tied to VCC to use the device as a 1M X 16 SRAM. The 48-pin TSOPI package can also be used as a 2M X 8
SRAM by tying the BYTE signal to VSS. In the 2M x 8 configuration, Pin 45 is A20, while BHE, BLE and I/O8 to I/O14 pins are not used.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
[+] Feedback
[+] Feedback


Similar Part No. - CY62167EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62167EV30LL-45BVXI CYPRESS-CY62167EV30LL-45BVXI Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
More results

Similar Description - CY62167EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E_09 Datasheet
562Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com